Part Name
         Description
2SK2275

 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE ( 8 Page)


NEC
100% 
Zoom Out Zoom In
   
 3 page
background image
2SK2275
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
20
140
160
100
TC - Case Temperature - °C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
FORWARD BIAS SAFE OPERATING AREA
10
100
1 000
100
VDS - Drain to Source Voltage - V
5
6
80
0
40
1
10
0.1
60
20
60
40
80
100
120
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
140
160
40
TC - Case Temperature - °C
0
30
20
60
40
80
100
120
50
2
10
VGS - Gate to Source Voltage - V
1
0
1.0
TC = 25 °C
Single Pulse
1 ms
10
ms
100
ms
ID (pulse)
100
s
0.1
PW
=
10
s
VDS = 10 V
Pulsed
10
VGS = 10 V
Pulsed
5
4
3
2
1
10
15
20
25
4
6
8
10
12
14
0
25 °C
75 °C
125 °C
TA = – 25 °C
TRANSFER CHARACTERISTICS
RDS
(on)
Limited
(at
V
GS
=
10
V)
ID (DC)
Power
Dissipation
Limited



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK700N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR 1 2 3 NEC
2N7002SSURFACE MOUNT Dual N-Channel Enhancement MOS FET / VOLTAGE 60 Volts CURRENT 0.250 Ampere 1 2 3 4 5 List of Unclassifed Manufacturers
QM15DX-24MEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
RDX030N6010V Drive Nch MOS FET 1 2 3 Rohm
2SK1600FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE 1 2 3 4 5 MoreToshiba Semiconductor
TIM3438-16SLMICROWAVE POWER GaAs FET 1 2 Toshiba Semiconductor
MRF7S19100NR1RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1 2 3 4 5 MoreFreescale Semiconductor, Inc
EFA720ALow Distortion GaAs Power FET 1 2 List of Unclassifed Manufacturers
VN10LFSOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET 1 Zetex Semiconductors
NUS5530MNIntegrated Power MOSFET with PNP Low VCE sat Switching Transistor 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl