Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC109 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC109
Description  Dual j-k Flip-Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC109 Datasheet(HTML) 6 Page - Texas Instruments

  CD74AC109 Datasheet HTML 1Page - Texas Instruments CD74AC109 Datasheet HTML 2Page - Texas Instruments CD74AC109 Datasheet HTML 3Page - Texas Instruments CD74AC109 Datasheet HTML 4Page - Texas Instruments CD74AC109 Datasheet HTML 5Page - Texas Instruments CD74AC109 Datasheet HTML 6Page - Texas Instruments CD74AC109 Datasheet HTML 7Page - Texas Instruments CD74AC109 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CD54AC109, CD74AC109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS326 – JANUARY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
100
114
MHz
tPLH
CLK
QQ
2.6
10.3
2.7
9.4
ns
tPLH
CLR or PRE
Q or Q
3.1
12.2
3.2
11.1
ns
tPHL
CLK
QorQ
2.6
10.3
2.7
9.4
ns
tPHL
CLR or PRE
Q or Q
3.1
12.2
3.2
11.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
56
pF


Similar Part No. - CD74AC109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC109 TI-CD74AC109 Datasheet
346Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC109 TI-CD74AC109 Datasheet
541Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC109E TI-CD74AC109E Datasheet
346Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC109E TI-CD74AC109E Datasheet
541Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC109EE4 TI-CD74AC109EE4 Datasheet
346Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - CD74AC109

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
   Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
System Logic Semiconduc...
SL74HC109 SLS-SL74HC109 Datasheet
47Kb / 5P
   Dual J-K Flip-Flop with Set and Reset
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
   Dual J-K Flip-Flop with Set and Reset
logo
Integral Corp.
IN74ACT109 INTEGRAL-IN74ACT109 Datasheet
183Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
GD74HCT113 ETC1-GD74HCT113 Datasheet
256Kb / 6P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC74HC112 ONSEMI-MC74HC112_13 Datasheet
138Kb / 7P
   Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
logo
List of Unclassifed Man...
GD74HCT76 ETC1-GD74HCT76 Datasheet
274Kb / 6P
   DUAL J-K FLIP-FLOP WITH SET AND RESET & CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com