Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5344-DZZR Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5344-DZZR
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344-DZZR Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5344-DZZR Datasheet HTML 2Page - Cirrus Logic CS5344-DZZR Datasheet HTML 3Page - Cirrus Logic CS5344-DZZR Datasheet HTML 4Page - Cirrus Logic CS5344-DZZR Datasheet HTML 5Page - Cirrus Logic CS5344-DZZR Datasheet HTML 6Page - Cirrus Logic CS5344-DZZR Datasheet HTML 7Page - Cirrus Logic CS5344-DZZR Datasheet HTML 8Page - Cirrus Logic CS5344-DZZR Datasheet HTML 9Page - Cirrus Logic CS5344-DZZR Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
DS687A4
CS5343/4
ANALOG CHARACTERISTICS - COMMERCIAL GRADE
Test conditions (unless otherwise specified): Input test signal is a 1 kHz sine wave; measurement bandwidth is
10 Hz to 20 kHz; source impedance less than or equal to 2.5 k
Ω.
Notes:
4.
Referred to the typical full-scale input voltage
Dynamic Performance for Commercial Grade
VA = 3.3 V
VA = 5.0 V
Single-Speed Mode
Fs = 48 kHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
89
86
95
92
-
-
92
89
98
95
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-86
-75
-35
-80
-
-
-
-
-
-90
-78
-38
-84
-
-
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
89
86
95
92
-
-
92
89
98
95
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-86
-75
-35
-80
-
-
-
-
-
-90
-78
-38
-84
-
-
dB
dB
dB
Dynamic Performance for Commercial Grade - All Modes
Min
Typ
Max
Unit
Interchannel Isolation
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
-
0.1
dB
Gain Error
-3
-
+3
%
Gain Drift
-
±100
-
ppm/°C
Analog Input Characteristics
Full-scale Input Voltage
0.51*VA
0.56*VA
0.57*VA
Vpp
Input Impedance
-
7.5
-
M


Similar Part No. - CS5344-DZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5344-DZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
   120 dB, 96 kHZ Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com