Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD44130-FB Datasheet(PDF) 7 Page - Cirrus Logic

Part # CRD44130-FB
Description  60 W Quad Half-Bridge Digital Amplifier Power Stage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD44130-FB Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CRD44130-FB Datasheet HTML 3Page - Cirrus Logic CRD44130-FB Datasheet HTML 4Page - Cirrus Logic CRD44130-FB Datasheet HTML 5Page - Cirrus Logic CRD44130-FB Datasheet HTML 6Page - Cirrus Logic CRD44130-FB Datasheet HTML 7Page - Cirrus Logic CRD44130-FB Datasheet HTML 8Page - Cirrus Logic CRD44130-FB Datasheet HTML 9Page - Cirrus Logic CRD44130-FB Datasheet HTML 10Page - Cirrus Logic CRD44130-FB Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DS690PP1
7
CS44130
2. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND/PGND = 0 V, all voltages with respect to ground, unless otherwise specified)
ABSOLUTE MAXIMUM RATINGS
WARNING:
Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
(GND/PGND = 0 V; all voltages with respect to ground.)
Notes:
1.
Any pin except supplies. Transient currents of up to ±100 mA on the input pins will not cause SCR latch-up.
2.
The maximum over/under-voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supply
PWM Outputs
Power Stage Supply
VP
10.8
-
21.0
V
Core Logic
3.3 V
5.0 V
VD
3.14
4.75
3.3
5.0
3.47
5.25
V
V
Control Interface and PWM Inputs
2.5 V
3.3 V
5.0 V
VL
2.37
3.14
4.75
2.5
3.3
5.0
2.63
3.47
5.25
V
V
V
Ambient Operating Temperature
Commercial
-CNZ
TA
-10
-
+70
°C
Junction Temperature
TJ
-+150
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
PWM Outputs
Core Logic
Control Interface and PWM Inputs
VP
VD
VL
-0.3
-0.3
-0.3
23.0
7.0
7.0
V
V
V
Input Current
(Note 1)
Iin
-±10
mA
Digital Input Voltage
(Note 2)
VIN
-0.4
VL+0.4
V
Ambient Operating Temperature
Commercial
TA
-20
+85
°C
Storage Temperature
Tstg
-65
+150
°C


Similar Part No. - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
More results

Similar Description - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412 CIRRUS-CS4412 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A CIRRUS-CS4412A_08 Datasheet
433Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com