Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5343 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5343 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5343 Datasheet HTML 1Page - Cirrus Logic CDB5343 Datasheet HTML 2Page - Cirrus Logic CDB5343 Datasheet HTML 3Page - Cirrus Logic CDB5343 Datasheet HTML 4Page - Cirrus Logic CDB5343 Datasheet HTML 5Page - Cirrus Logic CDB5343 Datasheet HTML 6Page - Cirrus Logic CDB5343 Datasheet HTML 7Page - Cirrus Logic CDB5343 Datasheet HTML 8Page - Cirrus Logic CDB5343 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS687A4
5
CS5343/4
2. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at typical supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to GND.)
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V, all voltages with respect to GND.) (Note 1)
Notes:
1.
Operation beyond these limits may result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
3.
The maximum over/under voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
VA
3.1
4.75
3.3
5.0
3.5
5.25
V
V
Ambient Operating Temperature
Commercial
Automotive
TAC
TAD
-10
-40
-
-
70
85
°C
°C
Parameter
Symbol
Min
Max
Unit
DC Power Supplies
VA
-0.3
+6.0
V
Input Current
(Note 2)
Iin
-10
+10
mA
Input Voltage
(Note 3)
VIN
-0.7
VA+0.7
V
Ambient Operating Temperature (Power Applied)
TA
-50
+115
°C
Storage Temperature
Tstg
-65
+150
°C


Similar Part No. - CDB5343

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5343 CIRRUS-CDB5343 Datasheet
625Kb / 23P
   Evaluation Board
CDB5343 CIRRUS-CDB5343 Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CDB5343 CIRRUS-CDB5343 Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CDB5343

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
   120 dB, 96 kHZ Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com