Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB3318 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB3318
Description  8-Channel Analog Volume Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3318 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB3318 Datasheet HTML 6Page - Cirrus Logic CDB3318 Datasheet HTML 7Page - Cirrus Logic CDB3318 Datasheet HTML 8Page - Cirrus Logic CDB3318 Datasheet HTML 9Page - Cirrus Logic CDB3318 Datasheet HTML 10Page - Cirrus Logic CDB3318 Datasheet HTML 11Page - Cirrus Logic CDB3318 Datasheet HTML 12Page - Cirrus Logic CDB3318 Datasheet HTML 13Page - Cirrus Logic CDB3318 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
DS693F1
CS3318
CONTROL PORT SWITCHING CHARACTERISTICS - I²C FORMAT
(Inputs: Logic 0 = DGND, Logic 1 = VD, CL =20pF)
7.
Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RESET Rising Edge to Start
tirs
100
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 7)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc, trd
-1
µs
Fall Time SCL and SDA
tfc, tfd
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
tack
300
1000
ns
t
buf
t
hdst
t
lo w
t
hdd
t
high
t
sud
Stop
Start
SDA
SCL
t
irs
RESET
t
hdst
t
rc
t
fc
t sust
t susp
Sta rt
Stop
R epe a te d
t
rd
t
fd
t
ack
Figure 1. Control Port Timing - I²C Format


Similar Part No. - CDB3318

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
More results

Similar Description - CDB3318

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3308 CIRRUS-CS3308 Datasheet
683Kb / 44P
   8-Channel Analog Volume Control
logo
Princeton Technology Co...
PT2325 PTC-PT2325 Datasheet
188Kb / 4P
   6 Channel Volume Control
PT2325 PTC-PT2325_10 Datasheet
127Kb / 4P
   6 Channel Volume Control
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
   Two-Channel Electronic Volume Control
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311_07 Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
PGA4311 BURR-BROWN-PGA4311 Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com