Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGSF2N02EL Datasheet(PDF) 4 Page - ON Semiconductor

Part # MGSF2N02EL
Description  2.8 Amps, 20 Volts, N?묬hannel SOT??3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2N02EL Datasheet(HTML) 4 Page - ON Semiconductor

  MGSF2N02EL Datasheet HTML 1Page - ON Semiconductor MGSF2N02EL Datasheet HTML 2Page - ON Semiconductor MGSF2N02EL Datasheet HTML 3Page - ON Semiconductor MGSF2N02EL Datasheet HTML 4Page - ON Semiconductor MGSF2N02EL Datasheet HTML 5Page - ON Semiconductor MGSF2N02EL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MGSF2N02EL
http://onsemi.com
4
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
50
100
150
200
250
300
350
0
4
8
121620
TJ = 25°C
Ciss
Coss
Crss
Qg, TOTAL GATE CHARGE, (nC)
0
1
2
3
4
5
01
2
3
ID = 3.6 A
TJ = 25°C
QT
Q2
Q1
1
10
100
1000
1
10
100
VDD = 16 V
ID = 2.8 A
VGS = 4.5 V
td(on)
td(off)
tr
tf
0
0.3
0.6
0.9
1.2
1.5
1.8
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time Variation vs.
Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
VGS = 4.5 V
TJ = 25°C
RG, GATE RESISTANCE (W)VSD, SOURCE−TO−DRAIN VOLTAGE (V)


Similar Part No. - MGSF2N02EL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF2N02EL ONSEMI-MGSF2N02EL Datasheet
54Kb / 6P
   2.8 Amps, 20 Volts, N-Channel SOT-23
August, 2004 ??Rev. 2
MGSF2N02EL ONSEMI-MGSF2N02EL Datasheet
97Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 5
MGSF2N02ELT1 ONSEMI-MGSF2N02ELT1 Datasheet
54Kb / 6P
   2.8 Amps, 20 Volts, N-Channel SOT-23
August, 2004 ??Rev. 2
MGSF2N02ELT1G ONSEMI-MGSF2N02ELT1G Datasheet
54Kb / 6P
   2.8 Amps, 20 Volts, N-Channel SOT-23
August, 2004 ??Rev. 2
MGSF2N02ELT1G ONSEMI-MGSF2N02ELT1G Datasheet
97Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 5
More results

Similar Description - MGSF2N02EL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF2N02E ONSEMI-MGSF2N02E Datasheet
54Kb / 6P
   2.8 Amps, 20 Volts, N-Channel SOT-23
August, 2004 ??Rev. 2
MMBF0201NLT1 ONSEMI-MMBF0201NLT1_06 Datasheet
62Kb / 5P
   Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
   Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
NTGS3446 ONSEMI-NTGS3446 Datasheet
51Kb / 4P
   Power MOSFET 5.1 Amps, 20 Volts N?묬hannel TSOP??
November, 2003 ??Rev. 3
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
   Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com