Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16342NT Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA16342NT
Description  Redundant Secondary Switching Power Supply Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16342NT Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA16342NT Datasheet HTML 3Page - Hitachi Semiconductor HA16342NT Datasheet HTML 4Page - Hitachi Semiconductor HA16342NT Datasheet HTML 5Page - Hitachi Semiconductor HA16342NT Datasheet HTML 6Page - Hitachi Semiconductor HA16342NT Datasheet HTML 7Page - Hitachi Semiconductor HA16342NT Datasheet HTML 8Page - Hitachi Semiconductor HA16342NT Datasheet HTML 9Page - Hitachi Semiconductor HA16342NT Datasheet HTML 10Page - Hitachi Semiconductor HA16342NT Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
HA16341NT/FP, HA16342NT/FP
Rev.1, Jan. 2001, page 7 of 21
Electrical Characteristics
(Ta = 25
°C, V
CC = 12V, PG1 = 3V, Vtrig = 0V, VCS(+) = 0V, VCin = 0V, CCT = 330pF, GvOP1 = 26dB,
GvOP4 = 40dB, RDB = 1.8k
Ω)
• Current share
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Note
CB output Hi voltage
VCBH
2.5

V
Iosource = 300
µA
VCS(+) = 1V
CB output Lo voltage
VCBL

25
mV
VCS(+) = 0V, RCB = 10k
CFB output Lo voltage
VCFBL

100
mV
Iosink = 100
µA, HSP ON
VCS(+) = 0V, VCB = 0.1V
CFB output typ voltage
VCFBtyp
1.19
1.25
1.31
V
VCS(+) = 0V, VCB = 0V
RfOP4 = 1k
Ω, HSP ON
OP1 input offset voltage
VioOP1

(1)
mV
1
CS(+) input bias current
IibCS(+)
−20
−30
µA
VCS(+) = 0V, VCS(
−) = 0V
CS(
−) input bias current
IibCS(
−)
0.2
1.0
µA
VCS(+) = 0V, VCS(
−) = 0V
Cin input bias current
IibCin
0.2
1.0
µA
Vcin = 0V
OP4 input resistance
Rsin
0.75
1.00
1.25
k
1, 2
Open loop gain
OP1
−OP6
Avo
(70)
80
dB
1
Band width
OP1
−OP6
BWCS
700
kHz
1
OCL detector threshold
voltage
VthOCL
59.5
62.5
65.5
mV
CS(+) terminal voltage
sensing
Light load detector
threshold Hi voltage
VthHLL
(2.0)
3.5
(5.0)
mV
CS(+) terminal voltage
sensing
1
Light load detector
threshold Lo voltage
VthLLL
(1.0)
2.5
(4.0)
mV
CS(+) terminal voltage
sensing
1
VthLL hysteresis
dVthLL
(0.5)
1.0
(1.5)
mV
1
Reverse current detector
threshold Hi voltage
VthRC
−6
−12
−18
mV
CS(+) terminal voltage
sensing
3
Notes: 1. Design spec.
2. Temperature coefficient is 5400ppm/
°C.
3. Only HA16341NT/FP.
• Hot swap
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Note
HSP ON threshold
voltage
VthHSP
1.14
1.19
1.23
V
95% typ of reference 1.25V
HSP charge current
IcHSP
−7
−10
−13
µA
VHSP = 5V, VEIN = 2V
HSP output Lo voltage
VOLHSP
0.3
0.6
V
VEIN = 1V, Iosink = 50mA


Similar Part No. - HA16342NT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16342NT RENESAS-HA16342NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
More results

Similar Description - HA16342NT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
Sparkle Power Inc.
FSP700-62R01 SPI-FSP700-62R01 Datasheet
77Kb / 1P
   350Watts 11 Redundant Switching Power Supply
FSP600-60MRA SPI-FSP600-60MRA Datasheet
70Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
FSP700-50DRS SPI-FSP700-50DRS Datasheet
53Kb / 1P
   700Watts 11 2U Redundant Switching Power Supply
FSP500-80MR1 SPI-FSP500-80MR1 Datasheet
355Kb / 2P
   500 Watts, 11 Redundant Switching Power Supply
FSP600-80MRA SPI-FSP600-80MRA Datasheet
75Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
SPR2CA800LGP SPI-SPR2CA800LGP Datasheet
50Kb / 1P
   800Watts 11 2U Redundant Switching Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com