Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5360 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CDB5360
Description  Evaluation Board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5360 Datasheet(HTML) 2 Page - Cirrus Logic

  CDB5360 Datasheet HTML 1Page - Cirrus Logic CDB5360 Datasheet HTML 2Page - Cirrus Logic CDB5360 Datasheet HTML 3Page - Cirrus Logic CDB5360 Datasheet HTML 4Page - Cirrus Logic CDB5360 Datasheet HTML 5Page - Cirrus Logic CDB5360 Datasheet HTML 6Page - Cirrus Logic CDB5360 Datasheet HTML 7Page - Cirrus Logic CDB5360 Datasheet HTML 8Page - Cirrus Logic CDB5360 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CDB5334/35/60
2
DS194DB3
CDB5334/35/60 SYSTEM OVERVIEW
The CDB5334/35/60 evaluation boards are an ex-
cellent means of quickly evaluating the CS5334,
CS5335, or CS5360. The CS8402A digital audio
interface transmitter provides an easy interface to
digital audio signal processors, including the ma-
jority of digital audio test equipment. The evalua-
tion board has been designed to accept an analog
input, and provide optical and coaxial digital out-
puts. The evaluation board also allows the user to
access clocks and data through a 10-pin header for
system development. In addition, the evaluation
board supports the input level monitoring function
provided by the CS5334, CS5335, and CS5360.
The Peak Signal Level bits are displayed on bar-
graph LEDs or 7 segment displays for both left and
right channels.
The CDB5334/35/60 schematic has been parti-
tioned into 7 schematics shown in Figures 2
through 8. Each partitioned schematic is represent-
ed in the system diagram shown in Figure 1. Notice
that the system diagram also includes the connec-
tions between the partitioned schematics.
Power Supply Circuitry and Grounding
Power is supplied to the evaluation board by six
binding posts as shown in Figure 2. +5VA provides
5 Volt power to the converter and the reset circuit-
ry. The ±12 V binding posts provide power to the
analog input buffer. C1-C3 and C5-C7 provide
general power supply filtering for the analog sup-
plies. Z1-Z3 are transient suppression diodes which
also provide protection from incorrectly connected
power supply leads. +5VD supplies 5 Volt power
to the digital section of the board. C41 and C10 pro-
vide general power supply filtering. Z4 is a tran-
sient suppressor.
Localized decoupling for the CS5334, CS5335, or
CS5360 is provided by C16, C17, C32, and C33, as
shown in Figure 4. R10, C16, and C32 form a low
pass filter which isolates VA+ from noise on VD+.
The evaluation board uses separate analog and dig-
ital ground planes which are joined together under-
neath resistors R6, R41, and R52-R55. This
arrangement isolates the analog circuitry from the
digital logic.
Reset Circuit and Offset Calibration
Two methods of placing the CS5334, CS5335, or
CS5360 into power-down mode are provided on
the evaluation board. The CAL switch, shown in
Figure 8, pulls the DIF0 and DIF1 lines high on the
CS5334, CS5335, or CS5360, thus placing the
ADC into power-down mode. Releasing the CAL
switch causes the DIF0 and DIF1 settings to be re-
stored, upon which an initialization sequence be-
gins, as described in the CS5334/CS5335 and
CS5360 data sheets.
The reset circuit provided on the evaluation board
is shown in Figure 2. Upon power up, this circuit
sends a reset to the RST pin of the CS5334,
CS5335, or CS5360. Power-down, followed by
offset calibration, can also be performed by press-
ing and then releasing the RST switch. It should be
noted that only the RST method of powering down
the CS5334, CS5335, or CS5360 will include the
decision of master or slave operation.
Input Buffer and Protection Circuits
The differential input circuit shown in Figure 3 is
well-suited for the CS5334, CS5335, and CS5360
in professional applications. The circuit will accept
a differential or single-ended signal of either polar-
ity and provide a differential signal with the proper
DC offset to the CS5334, CS5335, or CS5360. The
circuit also incorporates 6 dB of attenuation to
scale down professional input levels to the input
voltage range of the CS5334, CS5335, or CS5360.
A nominal input level of 4 Volts rms to the evalua-
tion board will achieve a full scale digital output
from the CS5334, CS5335, or CS5360. The com-
mon mode rejection of the system is limited by the
passive component matching of the input buffer


Similar Part No. - CDB5360

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5361 CIRRUS-CDB5361 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB5364 CIRRUS-CDB5364 Datasheet
708Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CDB5364 CIRRUS-CDB5364 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CDB5364 CIRRUS-CDB5364 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
More results

Similar Description - CDB5360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com