Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5343 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5343
Description  Evaluation Board
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5343 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5343 Datasheet HTML 1Page - Cirrus Logic CDB5343 Datasheet HTML 2Page - Cirrus Logic CDB5343 Datasheet HTML 3Page - Cirrus Logic CDB5343 Datasheet HTML 4Page - Cirrus Logic CDB5343 Datasheet HTML 5Page - Cirrus Logic CDB5343 Datasheet HTML 6Page - Cirrus Logic CDB5343 Datasheet HTML 7Page - Cirrus Logic CDB5343 Datasheet HTML 8Page - Cirrus Logic CDB5343 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
DS687DB2
CDB5343
1. SYSTEM OVERVIEW
The CDB5343 evaluation board is an excellent tool for evaluating the CS5343 Analog-to-Digital Converter (ADC).
A minimum number of passive components condition the analog input signal prior to the CS5343, and the on-board
CS8406 digital audio interface transmitter provides an easy interface to digital audio signal analyzers including the
majority of digital audio test equipment. Additionally, the CDB5343 features an interface header (J3) for clock and
data I/O.
Figures 19 through Figures 27 show the CDB5343 schematic and layout.
1.1
CS5343
The CS5343 ADC performs stereo 24-bit A/D conversion at sample rates of up to 108 kHz and generates
I²S audio format data. Furthermore, in both Master and Slave Modes the CS5343 supports MCLK/LRCK
ratios of 256x and 384x. The CS5343 product datasheet contains complete device information.
2. CS8406 DIGITAL AUDIO TRANSMITTER
The CS8406 converts the CS5343 output to a standard S/PDIF data stream. Given an MCLK/LRCK ratio equal to
256x, the CS8406 can operate as clock master or clock slave, but the CS8406 cannot be used with an MCLK/LRCK
ratio of 384x on this board. Moreover, by default on this board, the CS8406 accepts only I²S audio format; however,
Section 11. on page 8 describes the procedure of configuring the device for Left-Justified audio format. See the
CS8406 data sheet for complete device information.
3. CRYSTAL OSCILLATOR
Oscillator Y1 provides an on-board system master clock. The oscillator is mounted in pin sockets, allowing for easy
removal or replacement. The board includes a 12.288 MHz crystal oscillator populated at Y1.
4. CLOCK & DATA I/O HEADER
Header J3 makes interfacing to external systems easy. MCLK direction is controlled by switch S1, as is the direction
of the sub-clocks, SCLK and LRCK. The header pins associated with MCLK, SCLK, and LRCK can accept 3.3 V or
5 V input signals, but are fixed at 3.3 V when set as outputs. SDOUT is always a 3.3 V output.
4.1
Clock & Data Routing
The user can configure the source and destinations of the clocks required to support the operation of the
CS5343. Section 4.1.1 through Section 4.1.3 discuss valid configurations.
4.1.1
MCLK Source
The CS5343 and CS8406 must receive a Master Clock. MCLK can come from either the crystal oscillator
installed at Y1 or via header J3. Header J3 can accept a 3.3 V or 5 V logic-level MCLK when configured
as an input, but will output MCLK only at 3.3 V when configured as an output.
4.1.2
Sub-Clock Source
SCLK and LRCK comprise the system sub-clocks and must be either provided to, or generated by, the
CS5343.


Similar Part No. - CDB5343

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5343 CIRRUS-CDB5343 Datasheet
370Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CDB5343 CIRRUS-CDB5343 Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CDB5343 CIRRUS-CDB5343 Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CDB5343

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com