Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5321 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5321
Description  Evaluation Board
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5321 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5321 Datasheet HTML 1Page - Cirrus Logic CDB5321 Datasheet HTML 2Page - Cirrus Logic CDB5321 Datasheet HTML 3Page - Cirrus Logic CDB5321 Datasheet HTML 4Page - Cirrus Logic CDB5321 Datasheet HTML 5Page - Cirrus Logic CDB5321 Datasheet HTML 6Page - Cirrus Logic CDB5321 Datasheet HTML 7Page - Cirrus Logic CDB5321 Datasheet HTML 8Page - Cirrus Logic CDB5321 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OFST=1. Figure 3 illustrates the 2.048 MHz os-
cillator and dual D flip flop clock divider. Note
that both the oscillator and the divider are sepa-
rately decoupled from the +5V supply to reduce
clock jitter which can be introduced from noisy
supplies. Jumper J4 should be set in the CLK/2
position to source 1.024 MHz to the CS5322
chip for normal operation. If operation from
512 kHz clock is desired, the J4 jumper should
be changed to the CLK/4 position.
The board
can be tested at 512 kHz without modification.
The digital interface pins to the CS5322 filter
chip are all available on the header connectors
J1, J2, and J3 as shown in Figures 4, 5, and 6.
Note that one row of pins on each of the headers
is ground.
It is advised that any connections
made to control lines be done with twisted pair
ribbon cable; with each twisted pair containing
one signal and one ground connection.
This
minimizes radiated noise.
CAUTION!
Caution is advised when interfacing the evalu-
ation board to any circuitry powered from
another source. For example, when interfacing
to a computer I/O card be sure that the evalu-
ation board and the computer are both powered
up before connecting to the evaluation board
headers. Always disconnect header connections
when powering down the board but not the com-
puter. Failure to follow this advice may cause
damage to either the computer I/O or to the
CS5322, because the computer outputs try to
power the CDB5321 board.
Q
CLK
Q
0.1
10
OSC
14 pin
10
+ 10µF
7
74HC74
8
+5V
+5V
R3
C1
C2
R25
C33
2.048 MHz
14
U7
2
3
14
1
S
D
R
4
5
6
Q
CLK
Q
S
D
R
CLK/4 (512 kHz)
CLK/2 (1.024 MHz)
CLK (2.048 MHz)*
CLKIN (To Figure 4)
J4
10
9
8
13
11
12
U5A
U5B
*2.048 MHz
exceeds the
specified clock
frequency for
the CS5321
0.1
µF
Figure 3. Oscillator / Divider
CDB5321
18
DS88DB2


Similar Part No. - CDB5321

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5330A CIRRUS-CDB5330A Datasheet
666Kb / 14P
   Evaluation Board
CDB5331A CIRRUS-CDB5331A Datasheet
666Kb / 14P
   Evaluation Board
CDB5333 CIRRUS-CDB5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
CDB5334 CIRRUS-CDB5334 Datasheet
749Kb / 18P
   Evaluation Board
CDB5335 CIRRUS-CDB5335 Datasheet
749Kb / 18P
   Evaluation Board
More results

Similar Description - CDB5321

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com