Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5321 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB5321
Description  Evaluation Board
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5321 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB5321 Datasheet HTML 1Page - Cirrus Logic CDB5321 Datasheet HTML 2Page - Cirrus Logic CDB5321 Datasheet HTML 3Page - Cirrus Logic CDB5321 Datasheet HTML 4Page - Cirrus Logic CDB5321 Datasheet HTML 5Page - Cirrus Logic CDB5321 Datasheet HTML 6Page - Cirrus Logic CDB5321 Datasheet HTML 7Page - Cirrus Logic CDB5321 Datasheet HTML 8Page - Cirrus Logic CDB5321 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OVERVIEW
The CDB5321 evaluation board requires three
separate power supplies for proper operation.
Figure 1 illustrates the power supply connec-
tions. The required power supply input voltages
consist of +5V, +15V, and -15V. The CS5322
filter and logic support devices on the board op-
erate from the +5V supply. The +15V and
-15V inputs are regulated down to provide +5V
and -5V supplies necessary for the CS5321
modulator. Figure 1 also illustrates the LT1019
4.5V reference used with the CS5321 modulator.
Figure 2 illustrates the CS5321 modulator cir-
cuitry, including the analog BNC input for the
test signal source. Most often switch selections
on S5 are set to HBR= 1, LPW R= 0, and
V1+
VREF+
VREF-
AIN-
AIN+
AINR
AGND1
AGND2
AGND3
AGND4
AGND5
AGND6
AGND7
V2+
OFST
LPWR
HBR
MCLK
MSYNC
MDATA
MFLG
DGND1
DGND2
DGND3
DGND4
V2-
V1-
2
5
6
8
9
10
3
1
4
7
11
12
13
14
22
28
27
26
20
25
18
17
24
23
19
16
15
21
U2
CS5321
C50
0.1
µF
C20
68
µF
R6
200
MDATA
MCLK
MSYNC
MDATA
MDATA
MFLG
VREF
-5 VA
C29
0.1
µF
C40
0.1
µF
TANT
AIN
R1
R5
402
C6
0.1
µF
NPO
402
C15
0.1
µF
NPO
R7
100k
R8
R9
100k
100k
+5 VA
C22
0.1
µF
C27
0.1
µF
C26
TANT
10
µF
TEST POINT
+
From
Figure 1.
C19
10
µF
+
To
Figure 4.
OFST
LPWR
HBR
See CS5321 Datasheet
S5
Figure 2. CS5321 Modulator Input Circuitry.
CDB5321
DS88DB2
17


Similar Part No. - CDB5321

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5330A CIRRUS-CDB5330A Datasheet
666Kb / 14P
   Evaluation Board
CDB5331A CIRRUS-CDB5331A Datasheet
666Kb / 14P
   Evaluation Board
CDB5333 CIRRUS-CDB5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
CDB5334 CIRRUS-CDB5334 Datasheet
749Kb / 18P
   Evaluation Board
CDB5335 CIRRUS-CDB5335 Datasheet
749Kb / 18P
   Evaluation Board
More results

Similar Description - CDB5321

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com