Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2532B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U2532B
Description  IR Transmitter and Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2532B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U2532B Datasheet HTML 1Page - TEMIC Semiconductors U2532B Datasheet HTML 2Page - TEMIC Semiconductors U2532B Datasheet HTML 3Page - TEMIC Semiconductors U2532B Datasheet HTML 4Page - TEMIC Semiconductors U2532B Datasheet HTML 5Page - TEMIC Semiconductors U2532B Datasheet HTML 6Page - TEMIC Semiconductors U2532B Datasheet HTML 7Page - TEMIC Semiconductors U2532B Datasheet HTML 8Page - TEMIC Semiconductors U2532B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
U2532B
TELEFUNKEN Semiconductors
Rev. A1, 27-Sep-96
Preliminary Information
2 (10)
Pin Description
16
15
14
13
1
2
3
4
U2532B
12
11
10
5
6
7
9
8
95 10244
P_GND
TxD
RxD
Reset
VCC
SC
NC
NC
NC
IRED
O_GND
NC
NC
A_GND
NC
IN
Figure 2. Pinning
Pin
Symbol
Function
1
P_GND
Power ground
2
TxD
Transmitter input
3
RxD
Receiver output
4
Reset
AGC-Reset
5
VCC
Supply voltage
6
SC
Sensitivity Control
7, 8,
10, 12,
13, 16
NC
Not connected
9
IN
Photodiode input
11
A_GND
Analog ground
14
O_GND
Output ground
15
IRED
IR-Emitter
Block Diagram
BIAS
TIA
AGC
CGA
+
COMP
DRV
611
15
1
3
14
2
9
4
5
95 10211
Figure 3. Block diagram


Similar Part No. - U2532B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2531A KEYSIGHT-U2531A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
U2535B-FP TEMIC-U2535B-FP Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
logo
ATMEL Corporation
U2538B ATMEL-U2538B Datasheet
173Kb / 9P
   IR RECEIVER FOR DATA COMMUNICATION
More results

Similar Description - U2532B

ManufacturerPart #DatasheetDescription
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
logo
Agilent(Hewlett-Packard...
U7242A HP-U7242A Datasheet
187Kb / 2P
   Transmitter and Receiver Test Fixture
logo
THine Electronics, Inc.
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
List of Unclassifed Man...
TR-IR430 ETC1-TR-IR430 Datasheet
668Kb / 2P
   IR Temp. TRANSMITTER
logo
Analog Devices
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
   Integrated Dual RF Transmitter, Receiver, and Observation Receiver
logo
California Eastern Labs
THEVA215-8LANE CEL-THEVA215-8LANE Datasheet
769Kb / 15P
   SerDes transmitter and receiver evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com