Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1408-8 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MC1408-8
Description  8-bit multiplying D/A converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1408-8 Datasheet(HTML) 3 Page - NXP Semiconductors

  MC1408-8 Datasheet HTML 1Page - NXP Semiconductors MC1408-8 Datasheet HTML 2Page - NXP Semiconductors MC1408-8 Datasheet HTML 3Page - NXP Semiconductors MC1408-8 Datasheet HTML 4Page - NXP Semiconductors MC1408-8 Datasheet HTML 5Page - NXP Semiconductors MC1408-8 Datasheet HTML 6Page - NXP Semiconductors MC1408-8 Datasheet HTML 7Page - NXP Semiconductors MC1408-8 Datasheet HTML 8Page - NXP Semiconductors MC1408-8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
MC1408-8
8-bit multiplying D/A converter
2001 Aug 03
3
BLOCK DIAGRAM
CURRENT SWITCHES
56
7
8
9
10
11
12
MSB
LSB
REFERENCE
CURRENT
AMPLIFIER
14
2
13
16
GND
COMPEN
NPN CURRENT SOURCE PAIR
A1
A2
A3
A4
A5
A6
A7
A8
4
BIAS
CURRENT
R-2R LADDER
15
(+)
(–)
VREF
VREF
VCC
3
VEE
IO
SL00049
Figure 2. Block Diagram
CIRCUIT DESCRIPTION
The MC1408-8 consists of a reference current amplifier, an R-2R
ladder, and 8 high-speed current switches. For many applications,
only a reference resistor and reference voltage need be added.
The switches are non-inverting in operation; therefore, a high state
on the input turns on the specified output current component.
The switch uses current steering for high speed, and a termination
amplifier consisting of an active load gain stage with unity gain
feedback. The termination amplifier holds the parasitic capacitance
of the ladder at a constant voltage during switching, and provides a
low impedance termination of equal voltage for all legs of the ladder.
The R-2R ladder divides the reference amplifier current into
binary-related components, which are fed to the remainder current
which is equal to the least significant bit. This current is shunted to
ground, and the maximum output current is 255/256 of the reference
amplifier current, or 1.992 mA for a 2.0 mA reference amplifier
current if the NPN current source pair is perfectly matched.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Positive power supply voltage
+5.5
V
VEE
Negative power supply voltage
–16.5
V
V5 – V12
Digital input voltage
0 to VCC
V
VO
Applied output voltage
–5.2 to +18
V
I14
Reference current
5.0
mA
V14, V15
Reference amplifier inputs
VEE to VCC
Maximum power dissipation, Tamb = 25 °C (still-air)1
PD
N package
1450
mW
D package
1080
mW
Tamb
Operating temperature range
0 to +75
°C
Tstg
Storage temperature range
–65 to +150
°C
Tsld
Lead soldering temperature (10 sec)
+230
°C
NOTES:
1. Derate above 25
°C, at the following rates:
N package at 11.6 mW/
°C;
D package at 8.6 mW/
°C


Similar Part No. - MC1408-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
MC1408-8D ONSEMI-MC1408-8D Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
NXP Semiconductors
MC1408-8D PHILIPS-MC1408-8D Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
ON Semiconductor
MC1408-8DG ONSEMI-MC1408-8DG Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
MC1408-8DR2 ONSEMI-MC1408-8DR2 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
More results

Similar Description - MC1408-8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com