Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D11EP6FPBQ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D11EP6FPBQ
Description  D11 Expert Series, Visible Green, Blue or White LED Light Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D11EP6FPBQ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D11EP6FPBQ Datasheet HTML 1Page - List of Unclassifed Manufacturers D11EP6FPBQ Datasheet HTML 2Page - List of Unclassifed Manufacturers D11EP6FPBQ Datasheet HTML 3Page - List of Unclassifed Manufacturers D11EP6FPBQ Datasheet HTML 4Page - List of Unclassifed Manufacturers D11EP6FPBQ Datasheet HTML 5Page - List of Unclassifed Manufacturers D11EP6FPBQ Datasheet HTML 6Page - List of Unclassifed Manufacturers D11EP6FPBQ Datasheet HTML 7Page - List of Unclassifed Manufacturers D11EP6FPBQ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D11E Series Sensors – Visible Green, Blue or White LED Light Source
page
4
Banner Engineering Corp. Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Output Pulse Stretcher Programming
Output Pulse Stretcher
A 40 millisecond pulse stretcher (OFF-delay) may be enabled for applications where a
very short sensing event might be missed due to the response of the load or input
connected to the sensor output. The pulse stretcher is turned ON or OFF using the
following procedure:
Push Button
Resulting Indicator Status
Push and hold for
≥ 2 seconds
Green: Flashes at 1Hz
Yellow: OFF
Red:
Pulses to indicate relative received signal
strength
Pulse Stretcher
Double-click to display status
Single-click to toggle pulse stretcher
ON or OFF
pulse stretcher ON:
Green: OFF
Yellow: OFF
Red:
ON steadily
Double-click to save
configuration and return to
RUN mode
See page 2
pulse stretcher OFF:
Green: OFF
Yellow: OFF
Red:
Double-Flash
Push and Hold
≥ 2 Seconds
Double-Click
Single-Click
Double-Click


Similar Part No. - D11EP6FPBQ

ManufacturerPart #DatasheetDescription
logo
Bi technologies
D11-1C BITECH-D11-1C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
D11-2C BITECH-D11-2C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
D11-3C BITECH-D11-3C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
logo
Vishay Siliconix
D11-CRCW0603 VISHAY-D11-CRCW0603 Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
D11-CRCW0603 VISHAY-D11-CRCW0603 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - D11EP6FPBQ

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LST3528WY LIGHTKEY-LST3528WY Datasheet
119Kb / 3P
   3.5X2.8mm White SMD LED for Light Source
LST5050WY LIGHTKEY-LST5050WY Datasheet
236Kb / 3P
   5.0X5.0mm White SMD LED for Light Source
logo
Marktech Corporate
MTPS8065PT MARKTECH-MTPS8065PT_11 Datasheet
426Kb / 2P
   Visible Red Point Source LED
MTPS1065WC MARKTECH-MTPS1065WC Datasheet
453Kb / 2P
   Visible Red Point Source LED
MTPS8065WC MARKTECH-MTPS8065WC Datasheet
520Kb / 3P
   Visible Red Point Source LED
MTPS1065PT MARKTECH-MTPS1065PT Datasheet
424Kb / 2P
   Visible Red Point Source LED
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
logo
Panasonic Semiconductor
LN322114ALUN PANASONIC-LN322114ALUN Datasheet
19Kb / 1P
   LED LINE LIGHT SOURCE
LNR314701 PANASONIC-LNR314701 Datasheet
18Kb / 1P
   LED LINE LIGHT SOURCE
LNR304803N PANASONIC-LNR304803N Datasheet
21Kb / 1P
   LED LINE LIGHT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com