Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA902F Datasheet(PDF) 1 Page - Epson Company

Part # SLA902F
Description  High speed, high integration gate array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SLA902F Datasheet(HTML) 1 Page - Epson Company

  SLA902F Datasheet HTML 1Page - Epson Company SLA902F Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
PF841-03
SLA9000F Series
qHigh speed, high integration gate array.
qNumber of gates mounted: 2.7K to 44K gates.
s DESCRIPTION
The SLA9000F series is a SOG type CMOS gate which has realized high speed, high integration and high
driving capability. This series is offered with 2,784 to 44,070 gates to ensure an optimum application for any
mid size high speed systems.
This series is designed to operate on both 5 V and 3 V systems to correspond to increasing low-voltage
oriented applications. Simplified level shifter cell is available on this series. And, the
µA order low noise output
cell of the series has made it suitable for small size, handy equipments and many other applications.
s FEATURES
q Super-high density (adopting 1.0
µm silicon gate CMOS with 2-metal layer)
q High-speed operation (operation delay of internal gate = 0.3ns at 5.0V, 2-input Power NAND standard)
q Simplified level shifter cells available
q Output drivability (IOL = 0.1, 2, 6, 12, 24 mA when 5.0V, IOL = 0.1, 1, 3, 6, 12mA when 3.3V)
q On-chip RAM available
q Low noise output cells available
s PRODUCT LINEUP
Master
SLA902F
SLA904F
SLA907F
SLA909F
SLA913F
SLA919F
SLA927F
SLA944F
Total BCs (Raw Gates)
2,784
4,392
7,872
9,540
13,144
19,350
27,234
44,070
Usable Bcs
1,809
2,854
4,723
5,724
7,229
10,642
13,617
22,035
Number of PADs
80
100
128
144
160
184
208
256
Propagation
Internal Gates
tpd = 0.30ns (standard at 5.0V), tpd = 0.43ns (standard at 3.3V)
Delay
Input Buffers
tpd = 0.91ns (standard at 5.0V), tpd = 1.08ns (standard at 3.3V)
Output Buffers
tpd = 3.5ns (standard at 5.0V), tpd = 4.2ns (standard at 3.3V) CL = 50pF
I/O Level
TTL, CMOS
Input Mode
TTL, CMOS, Pull-up/Pull-down, Schmitt, 3.0/3.3/5.0V Level interface
Output Mode
Normal, Open drain, 3-state, Bi-directional, 3.0/3.3/5.0V Level interface


Similar Part No. - SLA902F

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLA9VDCSLA SONGLERELAY-SLA9VDCSLA Datasheet
3Mb / 2P
   Miniature volume, PCB usage
SLA9VDCSLB SONGLERELAY-SLA9VDCSLB Datasheet
3Mb / 2P
   Miniature volume, PCB usage
SLA9VDCSLC SONGLERELAY-SLA9VDCSLC Datasheet
3Mb / 2P
   Miniature volume, PCB usage
More results

Similar Description - SLA902F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
logo
Epson Company
SLA40000 EPSON-SLA40000 Datasheet
39Kb / 2P
   High Density Gate Array
S1L50000 EPSON-S1L50000 Datasheet
95Kb / 12P
   HIGH DENSITY GATE ARRAY
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
   HIGH-PERFORMANCE CMOS GATE ARRAY
logo
IXYS Corporation
IXGA150N33TC IXYS-IXGA150N33TC Datasheet
199Kb / 5P
   Trench Gate High Speed
logo
Hitachi Semiconductor
HD64180R1P6 HITACHI-HD64180R1P6 Datasheet
1Mb / 18P
   HIGH INTEGRATION CMOS MICROCONTROLLERS
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
logo
Guangdong Kexin Industr...
BAW56S KEXIN-BAW56S Datasheet
41Kb / 2P
   High-Speed Double Diode Array
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
   High-speed switching diode array
2001 May 14
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
   250mW High Speed Switching Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com