Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2576G-5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # N2576G-5
Description  52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

N2576G-5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  N2576G-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G-5
TO-220, TO263
Lead-Free
MAY-21-2004
NIKO-SEM
DEVICE SELECTION GUIDE
Device
N2576SG-5
N2576TG-5
Voltage (V)
5
Current (A)
3
Package
TO-263
TO-220
Marking
N2576SG-5
N2576TG-5
PIN CONFIGURATIONS
5 - On/Off
4 - Feedback
3 - Ground
1 - Vin
2 - Output
2 - Output
1 - Vin
3 - Ground
4 - Feedback
5 - On/Off
5 -LEAD TO-220 (T)
5 -LEAD TO-263 (S)


Similar Part No. - N2576G-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N2576G-3.3 ETC1-N2576G-3.3 Datasheet
46Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
More results

Similar Description - N2576G-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N2576 ETC2-N2576 Datasheet
56Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576G ETC1-N2576G Datasheet
127Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576G-3.3 ETC1-N2576G-3.3 Datasheet
46Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com