Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETUQ1K152HJ Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EETUQ1K152HJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1K152HJ Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button EETUQ1K152HJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ1K152HJ Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Aluminum Electrolytic Capacitors/ UQ
 EE170 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
2700
30
50
5.52
0.15
EETUQ2P272KJ
100
35
45
5.52
0.15
EETUQ2P272LJ
100
3300
35
50
5.75
0.15
EETUQ2P332LJ
100
390
22
25
1.68
0.15
EETUQ2D391HJ
200
470
22
30
1.85
0.15
EETUQ2D471HJ
200
560
22
30
2.43
0.15
EETUQ2D561HJ
200
25
25
2.43
0.15
EETUQ2D561JJ
200
680
22
35
2.68
0.15
EETUQ2D681HJ
200
25
30
2.68
0.15
EETUQ2D681JJ
200
820
22
40
2.93
0.15
EETUQ2D821HJ
200
25
30
2.93
0.15
EETUQ2D821JJ
200
30
25
2.93
0.15
EETUQ2D821KJ
200
1000
22
45
3.25
0.15
EETUQ2D102HJ
200
25
35
3.25
0.15
EETUQ2D102JJ
200
30
30
3.25
0.15
EETUQ2D102KJ
200
35
25
3.25
0.15
EETUQ2D102LJ
200
1200
22
50
3.50
0.15
EETUQ2D122HJ
200
25
40
3.50
0.15
EETUQ2D122JJ
200
30
30
3.50
0.15
EETUQ2D122KJ
200
1500
25
50
3.87
0.15
EETUQ2D152JJ
200
30
35
3.87
0.15
EETUQ2D152KJ
100
35
30
3.87
0.15
EETUQ2D152LJ
200
1800
30
45
4.32
0.15
EETUQ2D182KJ
100
35
35
4.32
0.15
EETUQ2D182LJ
100
2200
30
50
4.92
0.15
EETUQ2D222KJ
100
35
40
4.92
0.15
EETUQ2D222LJ
100
2700
35
50
5.45
0.15
EETUQ2D272LJ
100
270
22
25
1.31
0.15
EETUQ2E271HJ
200
330
22
30
1.75
0.15
EETUQ2E331HJ
200
390
22
30
1.91
0.15
EETUQ2E391HJ
200
25
25
1.91
0.15
EETUQ2E391JJ
200
470
22
35
2.11
0.15
EETUQ2E471HJ
200
25
30
2.11
0.15
EETUQ2E471JJ
200
560
22
40
2.25
0.15
EETUQ2E561HJ
200
25
30
2.25
0.15
EETUQ2E561JJ
200
30
25
2.25
0.15
EETUQ2E561KJ
200
680
22
45
2.50
0.15
EETUQ2E681HJ
200
25
35
2.50
0.15
EETUQ2E681JJ
200
30
30
2.50
0.15
EETUQ2E681KJ
200
820
22
50
2.77
0.15
EETUQ2E821HJ
200
25
40
2.77
0.15
EETUQ2E821JJ
200
30
30
2.77
0.15
EETUQ2E821KJ
200
200
250
n
tan
δ
(120Hz)
(+20
°C)
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
180
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Similar Part No. - EETUQ1K152HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1K152HJ PANASONIC-EETUQ1K152HJ Datasheet
472Kb / 11P
   Snap-in Type
More results

Similar Description - EETUQ1K152HJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com