Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2576G-3.3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # N2576G-3.3
Description  52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

N2576G-3.3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  N2576G-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers N2576G-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers N2576G-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers N2576G-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers N2576G-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G-3.3
TO-220, TO263
Lead-Free
Feb-02-2005
NIKO-SEM
GENERAL DESCRIPTION
The N2576G Series switching voltage
regulators (SVR) are monolithic integrated
circuits that provide all the active functions
for a step-down (buck) switching regulator,
Both series are capable of driving
3 A load respectively with excellent line and
load regulation.
The
N2576G
Series
SVR
include
a
switching
regulator
and
compensation
network all within the same package. Just
add
a
choke,
catch
diode
and
two
capacitors to obtain an efficient DC-to-DC
converter.
The
output
switch
includes
cycle-by-cycle current limit -ing, as well as
thermal shutdown for full protection under
fault conditions.
The N2576G Series SVR offer replacement
for popular 3 terminal linear regulators by
providing higher efficiency with reduced
heat sink size. In many applications a heat
sink will not be required.
FEATURES
l Pin compatible with industry products of
LM2576G Series
l Fixed 3.3V output version
l Wide output voltage range, 1.23V to 27V
for adjustable output version
l DC-to-DC buck converter requiring only 4
external parts
l 52 KHz fixed frequency internal oscillator
l TTL shutdown capability, low power stand
-by mode
l High efficiency
l Uses readily available standard inductors
APPLICATIONS
l Simple high-efficiency step-down (buck)
regulator
l Positive to negative converter (Inverting
Buck-Boost)
l Isolated Fly back Converter using mini-
mum number of external parts
l Powering portable instrument, Set-Top
Box, LCD Monitor, Scanner, I.A, Easy PC
l SMPS Post-Regulator
TYPICAL APPLICATION
DC Input
3
Feedback
N2576
+3.3V,3A
Cin
100uF
Regulated
D1
1N5822
4
Output
8V - 27V
Unregulated
Cout
1000uF
2
L1
100uH
Output
1
Gnd
5
+Vin
On/Off


Similar Part No. - N2576G-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N2576G-5 ETC1-N2576G-5 Datasheet
55Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
More results

Similar Description - N2576G-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N2576G-5 ETC1-N2576G-5 Datasheet
55Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576 ETC2-N2576 Datasheet
56Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576G ETC1-N2576G Datasheet
127Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com