Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6215B422MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6215B422MR
Description  0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6215B422MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6215B422MR Datasheet HTML 1Page - Torex Semiconductor XC6215B422MR Datasheet HTML 2Page - Torex Semiconductor XC6215B422MR Datasheet HTML 3Page - Torex Semiconductor XC6215B422MR Datasheet HTML 4Page - Torex Semiconductor XC6215B422MR Datasheet HTML 5Page - Torex Semiconductor XC6215B422MR Datasheet HTML 6Page - Torex Semiconductor XC6215B422MR Datasheet HTML 7Page - Torex Semiconductor XC6215B422MR Datasheet HTML 8Page - Torex Semiconductor XC6215B422MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4/31
XC6215 Series
MARK
TYPE
OUTPUT VOLTAGE RANGE
PRODUCT SERIES
T
0.9V ~ 3.0V
U
CE pin, High Active with no
pull-down resistor built in
3.1V ~ 5.0V
XC6215Bxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
3.1
-
F
1.6
4.6
-
1
-
3.2
-
H
1.7
4.7
-
2
-
3.3
-
K
1.8
4.8
-
3
-
3.4
-
L
1.9
4.9
-
4
-
3.5
-
M
2.0
5.0
-
5
-
3.6
-
N
2.1
-
-
6
-
3.7
-
P
2.2
-
-
7
-
3.8
-
R
2.3
-
-
8
0.9
3.9
-
S
2.4
-
-
9
1.0
4.0
-
T
2.5
-
-
A
1.1
4.1
-
U
2.6
-
-
B
1.2
4.2
-
V
2.7
-
-
C
1.3
4.3
-
X
2.8
-
-
D
1.4
4.4
-
Y
2.9
-
-
E
1.5
4.5
-
Z
3.0
-
-
MARK
PRODUCT SERIES
E
XC6215xxxxxx
MARK
TYPE
OUTPUT VOLTAGE RANGE PRODUCT SERIES
T
0.9V ~ 3.0V
U
CE pin, High Active with no
pull-down resistor built in
3.1V ~ 5.0V
XC6215xxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
3.1
-
F
1.6
4.6
-
1
-
3.2
-
H
1.7
4.7
-
2
-
3.3
-
K
1.8
4.8
-
3
-
3.4
-
L
1.9
4.9
-
4
-
3.5
-
M
2.0
5.0
-
5
-
3.6
-
N
2.1
-
-
6
-
3.7
-
P
2.2
-
-
7
-
3.8
-
R
2.3
-
-
8
0.9
3.9
-
S
2.4
-
-
9
1.0
4.0
-
T
2.5
-
-
A
1.1
4.1
-
U
2.6
-
-
B
1.2
4.2
-
V
2.7
-
-
C
1.3
4.3
-
X
2.8
-
-
D
1.4
4.4
-
Y
2.9
-
-
E
1.5
4.5
-
Z
3.0
-
-
12
3
4
Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
NOTE: No character inversion used.
Represents type of regulator and output voltage range
Represents decimal point of output voltage
MARKING RULE
SSOT-24
USP-4
TOP VIEW)
USP-3
TOP VIEW)
Represents product series
Represents type of regulator and output voltage range
Represents output voltage
Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
NOTE: No character inversion used.
USP-4, USP-3


Similar Part No. - XC6215B422MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B422MR TOREX-XC6215B422MR Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215B422MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
logo
ACE Technology Co., LTD...
ACE5012C ACE-ACE5012C Datasheet
259Kb / 3P
   0.8uA Low Power Consumption Regulator with Enable
VER 1.1
logo
Torex Semiconductor
XC6215B252NR TOREX-XC6215B252NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215_1 Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B282NR TOREX-XC6215B282NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com