Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4062 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 3 Page - Linear Technology

  LTC4062 Datasheet HTML 1Page - Linear Technology LTC4062 Datasheet HTML 2Page - Linear Technology LTC4062 Datasheet HTML 3Page - Linear Technology LTC4062 Datasheet HTML 4Page - Linear Technology LTC4062 Datasheet HTML 5Page - Linear Technology LTC4062 Datasheet HTML 6Page - Linear Technology LTC4062 Datasheet HTML 7Page - Linear Technology LTC4062 Datasheet HTML 8Page - Linear Technology LTC4062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4062
3
4062f
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LTC4062 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Failure to correctly solder the exposed pad of the package to the
PC board will result in a thermal resistance much higher than 40°C/W.
Note 4: Supply current includes PROG pin current and IDET pin current
(approximately 100µA each) but does not include any current delivered to
the battery through the BAT pin (approximately 100mA).
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions.
Overtemperature protection will become active at a junction temperature
greater than the maximum operating temperature. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IDETECT
Charge Current Detection Threshold
RDET = 1k, 0 ≤ TA ≤ 85°C
90
100
110
mA
RDET = 2k, 0 ≤ TA ≤ 85°C45
50
55
mA
RDET = 10k, 0 ≤ TA ≤ 85°C
8
10
12
mA
RDET = 20k, 0 ≤ TA ≤ 85°C
3.8
5
6.2
mA
∆VRECHRG
Recharge Threshold Voltage
VFLOAT – VRECHRG, 0 ≤ TA ≤ 85°C
65
100
135
mV
tSS
Soft-Start Time
IBAT from 0 to ICHG
100
µs
tTERM
Termination Comparator Filter Time
Current Termination Mode
0.8
1.5
2.5
ms
tRECHRG
Recharge Comparator Filter Time
3
7
14
ms
tTIMER
Charge Cycle Time
CTIMER = 0.1µF
2.55
3
3.45
hr
RC/5
C/5 Pin Pull-Down Resistor
2
3.4
5
MΩ
VC/5
C/5 Input Threshold Voltage
C/5 Rising, 4.3V < VCC < 8V
0.4
0.7
1
V
Hysteresis
70
mV
TLIM
Junction Temperature in Constant
105
°C
Temperature Mode
RON
Power FET “ON” Resistance
VBAT = 3.85V, ICC = 175mA, RPROG = 2k
375
mΩ
(Between VCC and BAT)
Comparator
VIN+
IN+ Pin Threshold Voltage
VIN+ Falling
0.988
1
1.012
V
Hysteresis
50
mV
VBAT-MIN
Minimum VBAT Supply Voltage for the VCC = 0V, VBAT Falling
2.4
2.5
2.6
V
Low Power Comparator
Hysteresis
100
mV
IBAT
Supply Current for the Low Power
VCC = 0V, VBAT = 2.5V
7
9
13
µA
Comparator


Similar Part No. - LTC4062

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4062 LINEAR-LTC4062 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4062 LINER-LTC4062 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4062 LINER-LTC4062_15 Datasheet
184Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
More results

Similar Description - LTC4062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062 LINER-LTC4062_15 Datasheet
184Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com