Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD407A4669H Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD407A4669H
Description  Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD407A4669H Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD407A4669H Datasheet HTML 1Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 2Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 3Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 4Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 5Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 6Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 7Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 8Page - Hitachi Semiconductor HD407A4669H Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
HD404669 Series
2
• Subsystem clock oscillator
32.768 kHz crystal oscillator for realtime clock use
• Interrupts
 External: 5 (including 3 edge-programmable)
 Internal: 4
• Subroutine stack: max. 16 levels including interrupts
• Low-power modes: 4
• System clock division software switching (1/4, 1/8, 1/16, 1/32)
• Instruction execution time
Min. 1
µs (f
OSC = 4 MHz, 1/4 clock division)
Min. 0.5
µs (f
OSC = 8 MHz, 1/4 clock division)
• Operating voltage
1.8 V to 5.5 V
2.2 V to 5.5 V (ZTAT™)
Ordering Information
Type
Product Name
Model Name
ROM (Words)
RAM (Digits)
Package
Mask ROM
(standard
version)
HD404668
HD404668H
8,192
1,152
64-pin plastic
QFP
(FP-64A)
HD4046612
HD4046612H
12,288
HD404669
HD404669H
16,384
HCD404669
HCD404669
16,384
Chip
* 1 *2
Mask ROM
(high-speed
version)
HD40A4668
HD40A4668H
8,192
64-pin plastic
QFP
(FP-64A)
HD40A46612
HD40A46612H
12,288
HD40A4669
HD40A4669H
16,384
ZTAT™
(high-speed
version)
HD407A4669
HD407A4669H
16,384
Note:
1. ZTAT™ chip shipment is not supported.
2. The specifications of shipped chips differ from those of the package product. Please contact our
sales staff for details.
Cautions about Operation
The mask ROM and ZTAT™ versions have been confirmed as fully meeting the reference values for
electrical characteristics shown in this data sheet. However, actual performance figures, operating margins,
noise margins, and other properties may vary due to differences in the manufacturing process, internal


Similar Part No. - HD407A4669H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD407A4639R RENESAS-HD407A4639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD407A4639RF RENESAS-HD407A4639RF Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
More results

Similar Description - HD407A4669H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404374 RENESAS-HD404374 Datasheet
868Kb / 161P
   Low-Voltage AS Microcomputers with On-Chip A/D Converter
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
   On-chip DTMF generator
logo
Renesas Technology Corp
HD404629R RENESAS-HD404629R Datasheet
720Kb / 157P
   AS Microcomputer Incorporating a DTMF Generator Circuit
logo
Xilinx, Inc
XCR5064 XILINX-XCR5064 Datasheet
449Kb / 16P
   On-chip supervoltage generation
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Renesas Technology Corp
H83814 RENESAS-H83814 Datasheet
1Mb / 456P
   single-chip microcomputers
logo
Hitachi Semiconductor
HD6413258 HITACHI-HD6413258 Datasheet
11Mb / 246P
   Single-Chip Microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com