Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD40A46612H Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD40A46612H
Description  Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD40A46612H Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD40A46612H Datasheet HTML 1Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 2Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 3Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 4Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 5Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 6Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 7Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 8Page - Hitachi Semiconductor HD40A46612H Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
HD404669 Series
Low-Voltage AS Microcomputers with On-Chip DTMF
Generation Circuit
ADE-202-083B
Rev. 3.0
Sept. 1999
Description
The HD404669 Series microcomputers incorporate a DTMF generation circuit, two comparators, and a
serial interface on chip. They also provide input and output pins with large current handling capacities.
Thus they are 4-bit single-chip microcomputers that are optimal for use in multifunction telephones,
cordless telephones, and other communications equipment.
HD404669 Series microcomputers have a 32.768 kHz sub-oscillator for realtime clock use, providing a
time counting facility, and a variety of power supply modes to reduce current drain.
The HD407A4669 is a ZTAT™ microcomputer with on-chip PROM that drastically shortens development
time and ensures a smooth transition from debugging to mass production. (The PROM programming
specifications are the same as for the 27256 type.)
ZTAT™: Zero Turn-Around Time ZTAT is a trademark of Hitachi, Ltd.
Features
• 1,152-digit × 4-bit RAM
• I/O pins: 47
 High-current I/O pins (source: 10 mA max.): 4
 High-current I/O pins (sink: 15 mA max.):
5
• Timer counters: 3
• Input capture: one 8-bit channel
• Timer outputs: 2 (with PWM output capability)
• Event input: 1 (edge-programmable)
• Clock synchronous 8-bit serial interface: 1
• DTMF generation circuit
• Comparator: 2 channels
• System clock oscillator
Ceramic oscillator, crystal oscillator, or external clock operation possible


Similar Part No. - HD40A46612H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD40A4638R RENESAS-HD40A4638R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD40A4638RF RENESAS-HD40A4638RF Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD40A4639R RENESAS-HD40A4639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD40A4639RF RENESAS-HD40A4639RF Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
More results

Similar Description - HD40A46612H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404374 RENESAS-HD404374 Datasheet
868Kb / 161P
   Low-Voltage AS Microcomputers with On-Chip A/D Converter
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
   On-chip DTMF generator
logo
Renesas Technology Corp
HD404629R RENESAS-HD404629R Datasheet
720Kb / 157P
   AS Microcomputer Incorporating a DTMF Generator Circuit
logo
Xilinx, Inc
XCR5064 XILINX-XCR5064 Datasheet
449Kb / 16P
   On-chip supervoltage generation
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Renesas Technology Corp
H83814 RENESAS-H83814 Datasheet
1Mb / 456P
   single-chip microcomputers
logo
Hitachi Semiconductor
HD6413258 HITACHI-HD6413258 Datasheet
11Mb / 246P
   Single-Chip Microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com