Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3685 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL3685
Description  2.4GHz RF/IF Converter and Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3685 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL3685 Datasheet HTML 1Page - Intersil Corporation ISL3685 Datasheet HTML 2Page - Intersil Corporation ISL3685 Datasheet HTML 3Page - Intersil Corporation ISL3685 Datasheet HTML 4Page - Intersil Corporation ISL3685 Datasheet HTML 5Page - Intersil Corporation ISL3685 Datasheet HTML 6Page - Intersil Corporation ISL3685 Datasheet HTML 7Page - Intersil Corporation ISL3685 Datasheet HTML 8Page - Intersil Corporation ISL3685 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
VCC to VCC Decouple . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3V
Any GND to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to 85oC
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 3.3V
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
MLFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
25
Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(MLF - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Intersil TB379.
General Electrical Specifications 25oC, VCC = 2.7V Unless Otherwise Specified
PARAMETER
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
-
3.3
V
Receive Total Supply Current (LNA in High Gain)
-
32
38
mA
Receive Total Supply Current (LNA in Low Gain)
-
25
32
mA
Transmit Total Supply Current
-
41
45
mA
Standby Total Supply Current (PLL and LO Buffers Active)
-
6.5
10
mA
TX/RX Power Down Supply Current (Note 2)
-
-
100
µA
TX/RX/Power Down Time (Note 3)
-
1
10
µs
RX/TX, TX/RX Switching Time (Note 3)
-
0.2
1
µs
CMOS Low Level Input Voltage
-
-
0.3*VDD
V
CMOS High Level Input Voltage, Any VDD/VCC
0.7*VDD
-
3.6
V
CMOS High or Low Level Input Current
-3.0
-
+3.0
µA
NOTES:
2. Standby current is measured after a long elapsed time (20 seconds).
3. TX/RX/TX switching time and power Down/Up time are dependent on external components.
Cascaded LNA/Mixer AC Electrical Specifications Assumes a direct connection between the LNA and Mixer, IF = 374MHz,
LO = 2075MHz at -6dBm, VCC = 2.7
Unless Otherwise Specified, 25oC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
2400
-
2500
MHz
IF Frequency Range
280
374
600
MHz
LO Frequency Range
1800
-
2220
MHz
LO Input Drive Level
Single End or Differential
-10
-6
0
dBm
Power/Voltage Gain
High Gain Mode
21.5
25
29
dB
Noise Figure SSB
-
3.7
5.0
dB
Input IP3
-17.5
-12
-
dBm
Input P1dB
-27.5
-23
-
dBm
Power/Voltage Gain
Low Gain Mode
-11
-9
-1
dB
Noise Figure
-25-
dB
Output IM3 at -12dBm Input Tones
-
-58
-40
dBc
Input P1dB
-1
-
-
dBm
ISL3685


Similar Part No. - ISL3685

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR INTERSIL-ISL3680IR Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR-TK INTERSIL-ISL3680IR-TK Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
More results

Similar Description - ISL3685

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
MAX2821ETM MAXIM-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com