Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11274-011 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 11274-011
Description  Programmable Line Lock Clock Generator IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11274-011 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 11274-011 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 7Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 8Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 9Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 10Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 11Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 12Page - List of Unclassifed Manufacturers 11274-011 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
FS6131-01
FS6131-01
FS6131-01
FS6131-01
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
5.0
I
2C-bus Control Interface
This device is a read/write slave device
meeting
all
Philips
I
2C-bus specifications
except a “general call.” The bus has to be
controlled by a master device that generates
the serial clock SCL, controls bus access, and generates
the START and STOP conditions while the device works
as a slave. Both master and slave can operate as a
transmitter or receiver, but the master device determines
which mode is activated. A device that sends data onto
the bus is defined as the transmitter, and a device re-
ceiving data as the receiver.
I
2C-bus logic levels noted herein are based on a percent-
age of the power supply (VDD). A logic-one corresponds
to a nominal voltage of VDD, while a logic-zero corre-
sponds to ground (VSS).
5.1
Bus Conditions
Data transfer on the bus can only be initiated when the
bus is not busy. During the data transfer, the data line
(SDA) must remain stable whenever the clock line (SCL)
is high. Changes in the data line while the clock line is
high will be interpreted by the device as a START or
STOP condition. The following bus conditions are defined
by the I
2C-bus protocol.
5.1.1
Not Busy
Both the data (SDA) and clock (SCL) lines remain high to
indicate the bus is not busy.
5.1.2
START Data Transfer
A high to low transition of the SDA line while the SCL in-
put is high indicates a START condition. All commands to
the device must be preceded by a START condition.
5.1.3
STOP Data Transfer
A low to high transition of the SDA line while SCL is held
high indicates a STOP condition. All commands to the
device must be followed by a STOP condition.
5.1.4
Data Valid
The state of the SDA line represents valid data if the SDA
line is stable for the duration of the high period of the SCL
line after a START condition occurs. The data on the
SDA line must be changed only during the low period of
the SCL signal. There is one clock pulse per data bit.
Each data transfer is initiated by a START condition and
terminated with a STOP condition. The number of data
bytes transferred between START and STOP conditions
is determined by the master device, and can continue
indefinitely. However, data that is overwritten to the de-
vice after the first eight bytes will overflow into the first
register, then the second, and so on, in a first-in, first-
overwritten fashion.
5.1.5
Acknowledge
When addressed, the receiving device is required to gen-
erate an Acknowledge after each byte is received. The
master device must generate an extra clock pulse to co-
incide with the Acknowledge bit. The acknowledging de-
vice must pull the SDA line low during the high period of
the master acknowledge clock pulse. Setup and hold
times must be taken into account.
The master must signal an end of data to the slave by not
generating and acknowledge bit on the last byte that has
been read (clocked) out of the slave. In this case, the
slave must leave the SDA line high to enable the master
to generate a STOP condition.
5.2
I
2C-bus Operation
All programmable registers can be accessed randomly or
sequentially via this bi-directional two wire digital inter-
face. The crystal oscillator does not have to run for com-
munication to occur.
The device accepts the following I
2C-bus commands:
5.2.1
Slave Address
After generating a START condition, the bus master
broadcasts a seven-bit slave address followed by a R/W
bit. The address of the device is:
A6
A5
A4
A3
A2
A1
A0
101
1
X
00
where X is controlled by the logic level at the ADDR pin.
The variable ADDR bit allows two different FS6131 de-
vices to exist on the same bus. Note that every device on
an I
2C-bus must have a unique address to avoid bus
conflicts. The default address sets A2 to 0 via the pull-
down on the ADDR pin.


Similar Part No. - 11274-011

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
112740-12 AMPHENOL-112740-12 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-13 AMPHENOL-112740-13 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-14 AMPHENOL-112740-14 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-15 AMPHENOL-112740-15 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-16 AMPHENOL-112740-16 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
More results

Similar Description - 11274-011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6131 ONSEMI-FS6131_08 Datasheet
745Kb / 44P
   Programmable Line Lock Clock Generator IC
May 2008 ??Rev. 4
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
   EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com