Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTB40 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CTB40
Description  High Temperature 150째C Series 40Amp - 400/600/800V - TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CTB40 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CTB40 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTB40 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Millimeters
Inches
REF. Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.24
15.75
0.6
0.62
B
3.23
0.127
C
12.78
13.79
0.503
0.543
D
9.96
10.36
0.392
0.408
E
0.69
0.94
0.027
0.037
F
1.22
1.32
0.048
0.052
G
4.62
4.83
0.182
0.19
H
0.46
0.61
0.018
0.024
I
2.49
2.84
0.098
0.112
J
2.39
2.69
0.094
0.106
K
6.48
6.88
0.255
0.271
L
3.78
3.89
0.149
0.153
M
15.49 16
16.51
0.61
0.63
0.65
N
2.59
2.9
0.102
0.114
O
0.99
1.55
0.039
0.061
P
0.99
1.55
0.039
0.061
Q
2.67
0.105
Weight: 2.3g (0.08 oz)
Q
D
M
G
F
C
O
I
P
E
B
A
K
N
L
J
H
Thermal Resistances
SYMBOL
RATING
Junction to Case (AC)
TO-220AB
Rth(j-c)
0.78
˚C/W
Junction to Ambient
TO-220AB
Rth(j-a)
60
˚C/W
Part Number Designation
SERIES
Rated Current
40: 40 Amp
Type
B: Standard (IGT=50mA)
BW: No Snubber/Alernistor (IGT=50mA)
Maximum
Blocking Voltage
400: 400Vpk
600: 600Vpk
800: 800Vpk
Packaging
Blank: Bulk
PT: Plastic Tube
CTB
B
40
0
5
10
15
20
25
30
35
40
45
IT(RMS) [A]
Fig. 1: Power dissipation versus RMS on-state current (full cycle).
0
10
20
30
40
50
80
90
100
110
120
130
140
150
160
70
TC [˚C]
Fig. 2: RMS on-state current versus
case temperature (full cycle)
V
TM [V]
Fig. 3: On-state current versus
on-state voltage (instantaneous values)
160
100
10
80
120
60
50
40
30
20
250
1
10
100
1000
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state
current versus number of cycles.
Non-Repetitive
Tj initial = 25˚C
1.0
10.0
100.0
1000.0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
48
40
32
24
16
8
0
CTB 40
High Temperature 150˚C Series
40Amp - 400/600/800V - TRIAC
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
ISO9001 Certified
TM
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - Pending


Similar Part No. - CTB40

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
CTB-24L SANKEN-CTB-24L Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
CTB-34 SANKEN-CTB-34 Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
CTB-34M SANKEN-CTB-34M Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
logo
Hirose Electric
CTB-4MJ-88S HIROSE-CTB-4MJ-88S Datasheet
1Mb / 6P
   ISDN and HBS CONNECTORS
More results

Similar Description - CTB40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA30 ETC1-CTA30 Datasheet
830Kb / 2P
   400/600/800V - TRIAC
CHTA16 ETC1-CHTA16 Datasheet
922Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CYNB40 ETC1-CYNB40 Datasheet
70Kb / 2P
   40Amp - 400/600/800/1000V - SCR
logo
Powerex Power Semicondu...
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
   Triac 8 Amperes/400-600 Volts
logo
List of Unclassifed Man...
CTA08 ETC1-CTA08 Datasheet
206Kb / 2P
   8Amp - 400/600/800/1000V - TRIAC
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
logo
Powerex Power Semicondu...
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
   Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
   Triac 6 Amperes/400-600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com