Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHTB12-400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CHTB12-400
Description  High Temperature 150째C Series TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHTB12-400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CHTB12-400 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHTB12-400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Millimeters
Inches
REF. Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.24
15.75
0.6
0.62
B
3.23
0.127
C
12.78
13.79
0.503
0.543
D
9.96
10.36
0.392
0.408
E
0.69
0.94
0.027
0.037
F
1.22
1.32
0.048
0.052
G
4.62
4.83
0.182
0.19
H
0.46
0.61
0.018
0.024
I
2.49
2.84
0.098
0.112
J
2.39
2.69
0.094
0.106
K
6.48
6.88
0.255
0.271
L
3.78
3.89
0.149
0.153
M
15.49 16
16.51
0.61
0.63
0.65
N
2.59
2.9
0.102
0.114
O
0.99
1.55
0.039
0.061
P
0.99
1.55
0.039
0.061
Q
2.67
0.105
Weight: 2.3g (0.08 oz)
Q
D
M
G
F
C
O
I
P
E
B
A
K
N
L
J
H
Thermal Resistances
SYMBOL
RATING
Junction to Case (AC)
TO-220AB
Rth(j-c)
1.4
˚C/W
Junction to Case (AC)
TO-220AB Isolated
Rth(j-c)
2.3
˚C/W
Junction to Ambient
TO-220AB
Rth(j-a)
60
˚C/W
Junction to Ambient
TO-220AB Isolated
Rth(j-a)
60
˚C/W
Part Number Designation
SERIES
Isolation Type
A: Isolated
B: Non-Isolated
Rated Current
12: 12 Amp
Packaging
Blank: Bulk
PT: Plastic Tube
Maximum
Blocking Voltage
400: 400Vpk
600: 600Vpk
800: 800Vpk
CHT
12
14
12
10
8
6
4
2
0
02468
10
12
14
16
18
IT(RMS) [A]
Fig. 1: Power dissipation versus RMS on-state current (full cycle).
0
2
4
6
8
10
12
14
16
18
60
70
80
90
100
110
120
130
140
150
160
TC [˚C]
Fig. 2: RMS on-state current versus
case temperature (full cycle)
1.0
10.0
100.0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
TM [V]
Fig. 3: On-state current versus
on-state voltage (instantaneous values)
160
100
10
80
120
60
50
40
30
20
250
1
10
100
1000
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state
current versus number of cycles.
Isolated
Non-Isolated
Non-Repetitive
Tj initial = 25˚C
CHTA/CHTB 12
High Temperature 150˚C Series
12Amp - 400/600/800V - TRIAC
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
ISO
9001 CERTIFIED
TM
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL Recognized Component - E72445 (CHTA Series)


Similar Part No. - CHTB12-400

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CHTB10/1N CAMDENBOSS-CHTB10/1N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
CHTB10/2N CAMDENBOSS-CHTB10/2N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
CHTB10/3N CAMDENBOSS-CHTB10/3N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
CHTB10/4N CAMDENBOSS-CHTB10/4N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
logo
List of Unclassifed Man...
CHTB16-400 ETC1-CHTB16-400 Datasheet
922Kb / 2P
   High Temperature 150째C Series TRIAC
More results

Similar Description - CHTB12-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA16 ETC1-CHTA16 Datasheet
922Kb / 2P
   High Temperature 150째C Series TRIAC
CTB40 ETC1-CTB40 Datasheet
257Kb / 2P
   High Temperature 150째C Series 40Amp - 400/600/800V - TRIAC
logo
Renesas Technology Corp
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CM-12LB RENESAS-BCR10CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CS-12LB RENESAS-BCR16CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR6AM-12LB RENESAS-BCR6AM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AM-12LB RENESAS-BCR5AM-12LB Datasheet
133Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR3AS-12B RENESAS-BCR3AS-12B_15 Datasheet
147Kb / 10P
   Triac Low Power Use(The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com