Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA2262S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCA2262S
Description  BM2262
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCA2262S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCA2262S Datasheet HTML 1Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 2Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 3Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 4Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 5Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 6Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 7Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 8Page - List of Unclassifed Manufacturers MCA2262S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BM2262
功能框图
功能说明
BM2262 将设置在 A0~A5 和 A6/D5~A11/D0 端口上的码地址和数据编成一个特殊的编码,
TEN 端为“低电平”时,在 DOUT 端输出该编码。该信号可通过射频或红外发射,所发
射的信号经射频或红外接收、解调、整形、还原成编码,然后由
BM2272 进行解码,并控
制相应的输出。以上过程完整的遥控编码和解码过程。
码的构成
◆ 位码
位码是编码波形的基本单元,可分为地址码、数据码及同步码。根据相应端子的低、
高或悬空状态,地址可分别置为“
0”、“1”、或“f”,数据位则只可分别置为“0”
或“
1”。
◆ 字码
一组位码构成了字码。字码由
12 位 AD 位码再紧跟 1 位同步位码构成。12 位 AD
位码由相应的
A0~A5 和 A6/D5~A11/D0 端在发射时的状态确定。当 BM2262 使用在
数据形式时,地址码位会相应地减少。例如,在
3 位数据码位形式下,有 9 位地址
码位,它们的发送格式如下:
9 位地址码位
3 位数据码位
同步位
BM2262 最多有 12 位地址码位(含 6 位地址/数据码位),下表显示了这些码位和
它们对应的管脚。
A0
A1
A2
A3
A4
A5
A6/D5
A7/D4
A8/D3
A9/D2
A10/D1
A11/D0
位码
A0~A5 和 A0/ D5~A11/D0 由 A0~A5 和 A0/ D5~A11/D0 管脚的接法决定。例如,
A0 脚置为高电平(VDD)时,相应的位码合成出“1”码,当 A0 脚置为低电平
或悬空时,位码
A0 相应地合成出“0”或“f”码。
BOOKLY MICRO ELECTRONIC LIMITED CORP.


Similar Part No. - MCA2262S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA2230 ETC1-MCA2230 Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MCA2230 ISOCOM-MCA2230 Datasheet
842Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
List of Unclassifed Man...
MCA2230X ETC1-MCA2230X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MCA2230X ISOCOM-MCA2230X Datasheet
842Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA2230 ISOCOM-MCA2230_10 Datasheet
842Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com