Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2262 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BM2262
Description  BM2262
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BM2262 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BM2262 Datasheet HTML 1Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 2Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 3Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 4Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 5Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 6Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 7Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 8Page - List of Unclassifed Manufacturers BM2262 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BM2262
管脚说明
18 引线封装
20 引线封装
管脚名称
I/O
说明
1~6
1~6
A0~A5
I
前六位地址管脚,
BM2262 通过检测
这六条三态管脚来确定
0~5 位的编
码数据。每个管脚均可置为“
0”、
1”
或“
f”(悬空)
7~8
10~13
7~8
12~15
A6/D5 ~
A11/D0
I
6#~11#地址管脚或 5#~0#数据管脚。
BM2262 通过检测这六个管脚来确定
6~11 位的编码波形。当它们作为地
址管脚时,可分别置“
0”、
1”或“f”,
当它们作为数据管脚时,只能置为“
0”
或“
1”。
14
16
TEN
I
允许发射信号,低电平有效。应用于
非零数据发射时,此管脚接低电平。
15
17
OSC1
O
16
18
OSC2
I
外接一个振荡电阻,以确定
BM2262
的基本振荡频率,注意选择合适的电
阻,使
BM2262 与 BM2272 的振荡频
率相匹配。
17
19
DOUT
O
数据输出管脚,编码后的数据由此管
脚输出。当
BM2262 不发射数据时,
DOUT 输出低电平。
18
20
VDD
电源正端
9
9
GND
电源负端
10~11
NC
空脚
产品规格分类
产品型号
封装形式
产品型号
封装形式
BM2262
DIP 18,输出
BM2262 S
SO 20,输出
BM2262-S18
SO
18,输出
BM2262-IR-S
SO 20,输出
BM2262-IR
DIP 18,输出
BOOKLY MICRO ELECTRONIC LIMITED CORP.


Similar Part No. - BM2262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM22W ETC2-BM22W Datasheet
94Kb / 1P
   ABS Boxes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com