Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACF321825-223-T Datasheet(PDF) 1 Page - TDK Electronics

Part # ACF321825-223-T
Description  3-Terminal Filters for Signal Line and DC Power Line SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACF321825-223-T Datasheet(HTML) 1 Page - TDK Electronics

  ACF321825-223-T Datasheet HTML 1Page - TDK Electronics ACF321825-223-T Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
001-01 / 20030823 / e9613_acf.fm
EMC Components
ACF Series ACF321825, 451832 Types
3-Terminal Filters for Signal Line and DC Power Line
SMD
FEATURES
• The ACF series are T-type EMC filters incorporating ferrite chip
beads and multilayer ceramic chip capacitors.
• The external structure consists entirely of ferrite, enabling these
parts to achieve superior attenuation characteristics despite
their extremely compact dimensions.
• Because they can be mounted on edge, the ACF series are
ideal for high-density circuit configurations.
• Available for reflow soldering.
ACF321825 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
MEASURING CIRCUIT
3.2±0.3
Insulation
resin
Terminal
electrode
0.6
0.35
13
2
No polarity
3
1
2
GND terminal
Ferrite
GND
Resist
Land pattern
Dimensions in mm
1.4
2.2
1.4
0.6
Part No.
Maximum attenuation
frequency
(MHz)
25dB attenuation
frequency range
(MHz)
Rated voltage Edc
(V)max.
Rated current
(mA)max.
DC resistance
(
Ω)max.
[Terminal No.1 to 3]
Insulation resistance
(M
Ω)min.
[Terminal No.1 to 2/No.2 to 3]
ACF321825-223-T
17
11 to 55
20
300
0.15
1000
ACF321825-103-T
27
17 to 60
20
300
0.15
1000
ACF321825-682-T
37
22 to 75
20
300
0.15
1000
ACF321825-472-T
45
30 to 85
20
300
0.15
1000
ACF321825-332-T
55
37 to 90
20
300
0.15
1000
ACF321825-222-T
65
45 to 105
20
300
0.15
1000
ACF321825-152-T
80
60 to 115
20
300
0.15
1000
ACF321825-102-T
100
80 to 140
20
300
0.15
1000
ACF321825-681-T
120
95 to 150
20
300
0.15
1000
ACF321825-471-T
145
120 to 180
20
300
0.15
1000
ACF321825-331-T
165
130 to 210
20
300
0.15
1000
ACF321825-221-T
200
170 to 250
20
300
0.15
1000
ACF321825-151-T
240
205 to 280
20
300
0.15
1000
ACF321825-101-T
300
265 to 340
20
300
0.15
1000
ACF321825-680-T
370
340 to 420
20
300
0.15
1000
ACF321825-470-T
450
420 to 500
20
300
0.15
1000
ACF321825-330-T
530
500 to 600
20
300
0.15
1000
ACF321825-220-T
650
600 to 700
20
300
0.15
1000
ACF Series
L.M.
S.G.
50
50
40
30
20
10
0
1000
100
300
10
30
13
223
103 682472 33
2
Frequency(MHz)


Similar Part No. - ACF321825-223-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACF321825-223-TD01 ETC2-ACF321825-223-TD01 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
More results

Similar Description - ACF321825-223-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACF321825 ETC-ACF321825 Datasheet
234Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
logo
TDK Electronics
ZJSR TDK-ZJSR Datasheet
110Kb / 4P
   3-TERMINAL FILTERS FOR SIGNAL LINE AND DC POWER LINE LEAD(ROUND)
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
   3-terminal Filters(SMD) For Signal Line
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
   3-terminal Filters(SMD) For Signal Line
ACF321825-101-TD01 TDK-ACF321825-101-TD01 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
ACH32C TDK-ACH32C Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
MEA1608PE TDK-MEA1608PE Datasheet
164Kb / 4P
   3-terminal filters, SMD array Signal line
MEA1608L TDK-MEA1608L Datasheet
161Kb / 4P
   3-terminal filters, SMD array Signal line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com