Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CDB5376 Datasheet(PDF) 5 Page - Cirrus Logic

Part No. CDB5376
Description  Multichannel Seismic Evaluation System
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 5 page
background image
CDB5376
DS612DB2
5
1. INITIAL SETUP
1.1
Kit Contents
The CDB5376 evaluation kit includes:
• CDB5376 Evaluation Board
• USB Cable (A to B)
• Software Download Information Card
The following are required to operate CDB5376, and are not included:
• Bipolar Power Supply with Banana Jack Outputs (+/-12 V @ 100 mA)
• Banana Jack Cables (4x)
• PC Running Windows 2000 or XP with an Available USB Port
• Internet Access to Download the Evaluation Software
1.2
Hardware Setup
To set up the CDB5376 evaluation board:
• Set all jumpers and DIP switches to their default settings (see next sections).
• With power off, connect the CDB5376 power inputs to the power supply outputs.
VA- = -12 V
VA+ = +12 V
GND = 0 V
VD = +12 V
• Connect the USB cable between the CDB5376 USB connector and the PC USB port.
• Proceed to the Software Setup section to install the evaluation software and USB driver.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDB3318Evaluation Board for CS3318 1 2 3 4 5 MoreCirrus Logic
BCM93212DOCSIS/EuroDOCSIS 1.1 ADVANCED CABLE MODEM TERMINATION SYSTEM 1 2 Broadcom Corporation.
CDB4265Evaluation Board for CS4265 1 2 3 4 5 MoreCirrus Logic
MC145572EVKISDN U-Interface Transceiver Evaluation Kit 1 2 3 4 5 MoreMotorola, Inc
ADT7462Flexible Temperature and Voltage Monitor and System Fan Controller 1 2 3 4 5 MoreAnalog Devices
CDB4334Evaluation Board for CS4334/8/9 Family of Products 1 2 3 4 5 MoreCirrus Logic
CS4237BCrystalClear Advanced Audio System with 3D Sound 1 2 3 4 5 MoreCirrus Logic
CDB4344Evaluation Board for CS4344 1 2 3 4 5 MoreCirrus Logic
LM1203CRGB VIDEO-AMPLIFIER SYSTEM 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl