Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2150KG Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # SL2150KG
Description  Front End Power Splitter with AGC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2150KG Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SL2150KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 12Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
SL2150F
9
SEMICMF.019
Figure 14 - Example Application Driving 200 Ohm Load with Resistive Pull Up
Figure 15 - Port Peripheral Circuitry
1nF
1nF
SL2150F
Vcc
200
2x
38
Note: External resistor
values must not exceed 38
220
220
3.9V
Output Ports
Output
16 mA
16 mA
1.6V
1.5k
30 k
AGC
INPUT
Vcc
1 k
INPUT
DECOUPLED
RF Input Port
INPUT
2.5V
2.5V 1 k
270
AGC Port


Similar Part No. - SL2150KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL2150KG ZARLINK-SL2150KG Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
More results

Similar Description - SL2150KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Power-One
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
logo
Skyworks Solutions Inc.
SE5012T SKYWORKS-SE5012T Datasheet
550Kb / 10P
   5 GHz Front-End Module with Power Detector
logo
Analog Devices
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com