Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TEA5767HL Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TEA5767HL
Description  Low-power FM stereo radio for handheld applications
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
2004 Sep 13
3
Philips Semiconductors
Product specification
Low-power FM stereo radio for
handheld applications
TEA5767HL
1
FEATURES
• High sensitivity due to integrated low-noise RF input
amplifier
• FM mixer for conversion to IF of the US/Europe
(87.5 MHz to 108 MHz) and Japanese
(76 MHz to 91 MHz) FM band
• Preset tuning to receive Japanese TV audio up to
108 MHz
• RF Automatic Gain Control (AGC) circuit
• LC tuner oscillator operating with low cost fixed chip
inductors
• FM IF selectivity performed internally
• No external discriminator needed due to fully integrated
FM demodulator
• Crystal reference frequency oscillator; the oscillator
operates with a 32.768 kHz clock crystal or with a
13 MHz crystal and with an externally applied 6.5 MHz
reference frequency
• PLL synthesizer tuning system
• 3-wire bus
• 7-bit IF counter output via the 3-wire bus
• 4-bit level information output via the 3-wire bus
• Soft mute
• Signal dependent mono to stereo blend [Stereo Noise
Cancelling (SNC)]
• Signal dependent High Cut Control (HCC)
• Soft mute, SNC and HCC can be switched off via the
3-wire bus
• Adjustment-free stereo decoder
• Autonomous search tuning function
• Standby mode
• Two software programmable ports
• Bus enable line to switch the bus input and output lines
into 3-state mode.
2
GENERAL DESCRIPTION
The TEA5767HL is a single-chip electronically tuned FM
stereo radio for low-voltage applications with fully
integrated IF selectivity and demodulation. The radio is
completely adjustment-free and only requires a minimum
of small and low cost external components. The radio can
be tuned to the European, US and Japanese FM bands.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA5767HL
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TEA5767HNLow-power FM stereo radio for handheld applications 1 2 3 4 5 MoreNXP Semiconductors
RC56LDIntegrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications 1 2 3 4 5 MoreConexant Systems, Inc
39353-PHASE POWER MOSFET CONTROLLER - For Automotive Applications 1 2 3 4 5 MoreAllegro MicroSystems
FTR-P3COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
RF210ADual-Band Image-Reject Downconverters For GSM Applications 1 2 3 4 5 MoreConexant Systems, Inc
AD6528GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices 1 Analog Devices
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
SSTUB328661.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications 1 2 3 4 5 MoreNXP Semiconductors
EPA216210 Base-T Interface Module for Multiport Repeater Applications 1 2 PCA ELECTRONICS INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl