Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145162D1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC145162D1
Description  60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145162D1 Datasheet(HTML) 3 Page - Motorola, Inc

  MC145162D1 Datasheet HTML 1Page - Motorola, Inc MC145162D1 Datasheet HTML 2Page - Motorola, Inc MC145162D1 Datasheet HTML 3Page - Motorola, Inc MC145162D1 Datasheet HTML 4Page - Motorola, Inc MC145162D1 Datasheet HTML 5Page - Motorola, Inc MC145162D1 Datasheet HTML 6Page - Motorola, Inc MC145162D1 Datasheet HTML 7Page - Motorola, Inc MC145162D1 Datasheet HTML 8Page - Motorola, Inc MC145162D1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MC145162
•MC145162–1
MOTOROLA
3
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Rating
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 6.0
V
Vin
Input Voltage, All Inputs
– 0.5 to VDD + 0.5
V
Iin, Iout
DC Current Drain Per Pin
10
mA
IDD, ISS
DC Current Drain VDD or VSS Pins
30
mA
Tstg
Storage Temperature Range
– 65 to + 150
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Descriptions section.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS, TA = 25°C)
Sb l
Ch
i i
V
Guaranteed Limit
Ui
Symbol
Characteristic
VDD
Min
Max
Unit
VDD
Power Supply Voltage Range
2.5
5.5
V
VOL
Output Voltage
0 Level
(Iout =0)
2.5
5.5
0.1
0.1
V
VOH
(Vin =VDD or 0)
1 Level
2.5
5.5
2.45
5.45
VIL
Input Voltage
0 Level
(Vout = 0.5 V or VDD – 0.5 V)
2.5
5.5
0.75
1.65
V
VIH
1 Level
2.5
5.5
1.75
3.85
IOH
Output Current
(Vout = 2.2 V)
Source
(Vout = 5.0 V)
2.5
5.5
– 0.18
– 0.55
mA
IOL
(Vout = 0.3 V)
Sink
(Vout = 0.5 V)
2.5
5.5
0.18
0.55
IIL
Input Current
OSCin, fin–T, fin–R
(Vin =0)
2.5
5.5
– 30
– 66
µA
ADin, CLK, Din, ENB
2.5
5.5
– 1.0
– 1.0
IIH
(Vin =VDD – 0.5)
OSCin, fin–T, fin–R
2.5
5.5
30
66
ADin, CLK, Din, ENB
2.5
5.5
5.0
5.0
IOZ
Three–State Leakage Current (Vout = 0 V or 5.5 V)
5.5
± 100
nA
Cin
Input Capacitance
8.0
pF
Cout
Output Capacitance
8.0
pF
IDD(stdby)
Standby Current
(All Counters are in Power–Down Mode with Oscillator On)
2.5
5.5
0.3
1.5
mA
IDD
Operating Current
MC145162: 200 mV p–p input at fin–T and fin–R = 60 MHz
MC145162–1: 250 mV p–p input at fin–T and fin–R = 85 MHz
with OSC = 10.24 MHz
2.5
5.5
3.0
10
mA
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid application of any voltage
higher than maximum rated voltages to this
high–impedance circuit. For proper operation,
Vin and Vout should be constrained to the range
VSS ≤ (Vin or Vout) ≤ VDD.
Unused pins must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.


Similar Part No. - MC145162D1

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
MC145162D LANSDALE-MC145162D Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

Similar Description - MC145162D1

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Motorola, Inc
MC145165 MOTOROLA-MC145165 Datasheet
49Kb / 2P
   LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com