Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73028DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73028DBVR
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73028DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS73028DBVR Datasheet HTML 1Page - Texas Instruments TPS73028DBVR Datasheet HTML 2Page - Texas Instruments TPS73028DBVR Datasheet HTML 3Page - Texas Instruments TPS73028DBVR Datasheet HTML 4Page - Texas Instruments TPS73028DBVR Datasheet HTML 5Page - Texas Instruments TPS73028DBVR Datasheet HTML 6Page - Texas Instruments TPS73028DBVR Datasheet HTML 7Page - Texas Instruments TPS73028DBVR Datasheet HTML 8Page - Texas Instruments TPS73028DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DBV 5
DBV 6
YZQ
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NR
Fixed Option
3
2
4
6
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NR
5
FB
Adjustable Option
TPS73028
RIPPLE REJECTION
vs
FREQUENCY
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 200 mA
20
30
60
70
90
100
0
0.05
0.10
0.15
0.20
0.25
0.30
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
VIN = 3.8 V
COUT = 2.2 µF
CNR = 0.1 µF
IOUT = 200 mA
TPS73028
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IN
EN
OUT
NR
GND
YZQ PACKAGE
(TOP VIEW)
A3
A1
C3
C1
B2
TPS730xx
SBVS054G – NOVEMBER 2004 – REVISED DECEMBER 2006
LOW-NOISE, HIGH PSRR, RF 200-mA
LOW-DROPOUT LINEAR REGULATORS
• 200-mA RF Low-Dropout Regulator
The
TPS730xx
family
of
low-dropout
(LDO)
With Enable
low-power linear voltage regulators features high
power-supply rejection ratio (PSRR), ultralow-noise,
• Available in Fixed Voltages from 1.8V to 3.3V
fast start-up, and excellent line and load transient
and Adjustable (1.22V to 5.5V)
responses a small SOT23 package. NanoStar™
• High PSRR (68dB at 1kHz)
packaging gives an ultrasmall footprint as well as an
• Ultralow-Noise (23µV
RMS, TPS73018)
ultralow profile and package weight, making it ideal
for portable applications such as handsets and
• Fast Start-Up Time (50µs)
PDAs. Each device in the family is stable, with a
• Stable With a 2.2µF Ceramic Capacitor
small 2.2
µF ceramic capacitor on the output. The
• Excellent Load/Line Transient Response
TPS730xx family uses an advanced, proprietary
BiCMOS fabrication process to yield low dropout
• Very Low Dropout Voltage (120mV at 200mA)
voltages (e.g., 120mV at 200mA, TPS73030). Each
• 5- and 6-Pin SOT23 (DBV), and Wafer Chip
device achieves fast start-up times (approximately
Scale (YZQ) Packages
50
µs with a 0.001µF bypass capacitor) while
consuming low quiescent current (170
µA typical).
Moreover, when the device is placed in standby
• RF: VCOs, Receivers, ADCs
mode, the supply current is reduced to less than
1
µA. The TPS73018 exhibits approximately 23µV
RMS
• Audio
of output voltage noise at 2.8V output with a 0.01
µF
• Cellular and Cordless Telephones
bypass
capacitor.
Applications
with
analog
• Bluetooth®, Wireless LAN
components
that
are
noise-sensitive,
such
as
• Handheld Organizers, PDAs
portable RF electronics, benefit from the high PSRR
and low-noise features as well as the fast response
time.
Figure 1.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar is a trademark of Texas Instruments.
Bluetooth is a registered trademark of Bluetooth Sig, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73028DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73028DBVR TI-TPS73028DBVR Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73028DBVR TI1-TPS73028DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73028DBVRG4 TI-TPS73028DBVRG4 Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73028DBVRG4 TI1-TPS73028DBVRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS73028DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com