Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73018DBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73018DBVTG4
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73018DBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73018DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS73018DBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
1s/div
VIN
VOUT
VOUT = 3 V
RL = 15 Ω
100
50
0
20
40 60
80 100 120
150
200
250
140 160 180 200
0
IOUT (mA)
TJ = 125°C
TJ = 25°C
TJ = −55°C
Time (
µs)
0
0
150
100
50
200 250
350
300
400 450
20
0
−20
100
500
VIN = 3.8 V
COUT = 10 µF
−40
200
300
di
dt
+
0.02A
µs
1mA
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.20
IOUT (A)
1
Region of Instability
Region of Stability
COUT = 2.2 µF
VIN = 5.5 V, VOUT ≥ 1.5 V
TJ = −40°C to 125°C
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.20
IOUT (A)
1
Region of Instability
Region of Stability
COUT = 10 µF
VIN = 5.5 V
TJ = −40°C to 125°C
TPS730xx
SBVS054G – NOVEMBER 2004 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (SOT23 PACKAGE) (continued)
DROPOUT VOLTAGE
TPS73028
vs
LOAD TRANSIENT RESPONSE
POWER-UP/POWER-DOWN
OUTPUT CURRENT
Figure 11.
Figure 12.
Figure 13.
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
(ESR)
(ESR)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 14.
Figure 15.
6
Submit Documentation Feedback


Similar Part No. - TPS73018DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73018DBVTG4 TI-TPS73018DBVTG4 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73018DBVTG4 TI-TPS73018DBVTG4 Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73018DBVTG4 TI1-TPS73018DBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS73018DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com