Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7S20-60QI Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TA7S20-60QI
Description  Triscend A7S Configurable System-on-Chip Platform
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA7S20-60QI Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TA7S20-60QI Datasheet HTML 7Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 8Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 9Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 10Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 11Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 12Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 13Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 14Page - List of Unclassifed Manufacturers TA7S20-60QI Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 198 page
background image
TCH305-0001-002
11
SUBJECT TO CHANGE
Arithmetic Logic Unit
The arithmetic logic unit (ALU) performs 32-bit arithmetic and logic instructions in a single
clock cycle.
Barrel Shifter
The 32-bit barrel shifter allows a general shift operation to be combined with a general
ALU operation in a single instruction that executes in a single clock cycle.
Hardware Multiplier
The ARM7TDMI processor includes a dedicated 32 x 8 hardware multiplier. Additionally,
the multiplier supports multiply-accumulate functions, which are central to many digital
signal processing (DSP) applications.
The performance of the multiplier depends on the data values and the type of data multi-
plied, as shown in Table 4. The multiplier terminates the instruction immediately upon
computing the result, regardless of the data width.
Table 4. ARM7TDMI Multiplier Performance.
Multiplier Operation
Clock Cycles
32 x 32 = 32
Multiply two 32-bit values with a 32-bit result
2 to 5
32 x 32 = 64
Multiply two 32-bit values with a 64-bit result
3 to 6
32 x 32 + 32 = 32
Multiply two 32-bit values, add the result with a 32-bit value, producing
a 32-bit result
3 to 6
32 x 32 + 64 = 64
Multiply two 32-bit values, add the result with a 64-bit value, producing
a 64-bit result
4 to 7
Conditional Code Execution
Each ARM instruction is conditionally executed, based on the current status flags. The
capability minimizes short branches, which might otherwise reduce system performance.
Three-Address Data Processing Instructions
The two source operand registers and the result register are independently specified,
which aids performance and improves code density.
Thumb Instruction Set
The Thumb instruction set provides an extremely dense 16-bit representation of the most
commonly used instructions. Thumb offers cost advantages for smaller systems and per-
formance advantages in systems with 8-bit or 16-bit external memory subsystems.
CISC-like Instructions
Load and store multiple instructs allow an application to quickly and easily save and re-
store registers


Similar Part No. - TA7S20-60QI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA7 VISHAY-TA7 Datasheet
150Kb / 5P
   Small Signal Zener Diodes, Dual
Rev. 1.0, 08-Mar-06
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
   70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Similar Description - TA7S20-60QI

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com