Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMS3301 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMS3301
Description  Power SMD LED in PLCC-2 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3301 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMS3301 Datasheet HTML 1Page - Vishay Siliconix TLMS3301 Datasheet HTML 2Page - Vishay Siliconix TLMS3301 Datasheet HTML 3Page - Vishay Siliconix TLMS3301 Datasheet HTML 4Page - Vishay Siliconix TLMS3301 Datasheet HTML 5Page - Vishay Siliconix TLMS3301 Datasheet HTML 6Page - Vishay Siliconix TLMS3301 Datasheet HTML 7Page - Vishay Siliconix TLMS3301 Datasheet HTML 8Page - Vishay Siliconix TLMS3301 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number 83201
Rev. 1.4, 31-Aug-04
VISHAY
TLMK / O / S / Y330.
Vishay Semiconductors
Yellow
TLMY33..
Forward Voltage Classification
Color Classification
Luminous Intensity Classification
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity
IF = 50 mA
TLMY3300
IV
200
450
mcd
TLMY3301
IV
250
640
mcd
TLMY3302
IV
320
800
mcd
TLMY3303
IV
400
1250
mcd
Luminous flux/Luminous
intensity
φV/IV
3mlm/
mcd
Dominant wavelength
IF = 50 mA
λd
583
588
594
nm
Peak wavelength
IF = 50 mA
λp
590
nm
Spectral bandwidth
at 50 % Irel max
IF = 50 mA
∆λ
18
nm
Angle of half intensity
IF = 50 mA
ϕ
± 60
deg
Forward voltage
IF = 50 mA
VF
1.85
2.1
2.55
V
Reverse current
VR = 5 V
VR
0.01
10
µA
Group
Forward Voltage (V)
min
max
11.85
2.25
22.15
2.55
Group
Dominant Wavelength (nm)
Red
Soft Orange
Yellow
min
max
min
max
min
max
1
611
618
598
601
581
584
2
614
622
600
603
583
586
3
602
605
585
588
4
604
607
587
590
5
606
609
589
592
6
608
611
591
594
Group
Luminous Intensity (mcd)
min
max
Xa
160
250
Xb
200
320
Ya
250
400
Yb
320
500
Za
400
630
Zb
500
800
0a
630
1000
0b
800
1250


Similar Part No. - TLMS3301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS310 VISHAY-TLMS310 Datasheet
102Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A2, 04-Jul-02
TLMS310 VISHAY-TLMS310 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
TLMS310 VISHAY-TLMS310 Datasheet
108Kb / 6P
   Standard SMD LED PLCC-2
18-Jul-08
TLMS310. VISHAY-TLMS310. Datasheet
102Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A2, 04-Jul-02
TLMS3100 VISHAY-TLMS3100 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
More results

Similar Description - TLMS3301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com