Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMK3302 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLMK3302
Description  Power SMD LED in PLCC-2 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMK3302 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLMK3302 Datasheet HTML 1Page - Vishay Siliconix TLMK3302 Datasheet HTML 2Page - Vishay Siliconix TLMK3302 Datasheet HTML 3Page - Vishay Siliconix TLMK3302 Datasheet HTML 4Page - Vishay Siliconix TLMK3302 Datasheet HTML 5Page - Vishay Siliconix TLMK3302 Datasheet HTML 6Page - Vishay Siliconix TLMK3302 Datasheet HTML 7Page - Vishay Siliconix TLMK3302 Datasheet HTML 8Page - Vishay Siliconix TLMK3302 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VISHAY
TLMK / O / S / Y330.
Document Number 83201
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
5
Group Name on Label
One packing unit/tape contains only one classification group of luminous intensity, color and forward voltage
Only one single classification groups is not available
The given groups are not order codes, customer specific group combinations require marketing agreement
No color subgrouping for Super Red
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Luminous Intensity Group
Halfgroup
Wavelength
Forward Voltage
Z
b21
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
200
0
25
50
75
100
125
16783
RthJA = 400K/W
Tamb – Ambient Temperature ( C )
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
16784
RthJA = 400K/W
Tamb – Ambient Temperature ( C )
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Relative Intensity vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
540 550 560 570 580 590 600 610 620 630 640
λ - Wavelength ( nm )
16008
Yellow


Similar Part No. - TLMK3302

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK310 VISHAY-TLMK310 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3100 VISHAY-TLMK3100 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A2, 04-Feb-99
TLMK3100-GS08 VISHAY-TLMK3100-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3102-GS08 VISHAY-TLMK3102-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
More results

Similar Description - TLMK3302

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com