Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMK3300 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMK3300
Description  Power SMD LED in PLCC-2 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMK3300 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMK3300 Datasheet HTML 1Page - Vishay Siliconix TLMK3300 Datasheet HTML 2Page - Vishay Siliconix TLMK3300 Datasheet HTML 3Page - Vishay Siliconix TLMK3300 Datasheet HTML 4Page - Vishay Siliconix TLMK3300 Datasheet HTML 5Page - Vishay Siliconix TLMK3300 Datasheet HTML 6Page - Vishay Siliconix TLMK3300 Datasheet HTML 7Page - Vishay Siliconix TLMK3300 Datasheet HTML 8Page - Vishay Siliconix TLMK3300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VISHAY
TLMK / O / S / Y330.
Document Number 83201
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Red
TLMS33..
Soft Orange
TLMO33..
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity
IF = 50 mA
TLMS3300
IV
160
300
mcd
TLMS3301
IV
160
400
mcd
TLMS3302
IV
250
800
mcd
Luminous flux/Luminous
intensity
φV/IV
3mlm/
mcd
Dominant wavelength
IF = 50 mA
λd
626
630
638
nm
Peak wavelength
IF = 50 mA
λp
641
nm
Spectral bandwidth
at 50 % Irel max
IF = 50 mA
∆λ
17
nm
Angle of half intensity
IF = 50 mA
ϕ
± 60
deg
Forward voltage
IF = 50 mA
VF
1.85
2.1
2.55
V
Reverse current
VR = 5 V
VR
0.01
10
µA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity
IF = 50 mA
TLMO3300
IV
200
500
mcd
TLMO3301
IV
250
640
mcd
TLMO3302
IV
320
800
mcd
TLMO3303
IV
400
1250
mcd
Luminous flux/Luminous
intensity
φV/IV
3mlm/
mcd
Dominant wavelength
IF = 50 mA
λd
600
605
611
nm
Peak wavelength
IF = 50 mA
λp
611
nm
Spectral bandwidth
at 50 % Irel max
IF = 50 mA
∆λ
17
nm
Angle of half intensity
IF = 50 mA
ϕ
± 60
deg
Forward voltage
IF = 50 mA
VF
1.85
2.1
2.55
V
Reverse current
VR = 5 V
VR
0.01
10
µA


Similar Part No. - TLMK3300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK310 VISHAY-TLMK310 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3100 VISHAY-TLMK3100 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A2, 04-Feb-99
TLMK3100-GS08 VISHAY-TLMK3100-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3102-GS08 VISHAY-TLMK3102-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
More results

Similar Description - TLMK3300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com