Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7327 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7327
Description  Single-phase DC Brushless Motor Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7327 Datasheet(HTML) 1 Page - New Japan Radio

  NJU7327 Datasheet HTML 1Page - New Japan Radio NJU7327 Datasheet HTML 2Page - New Japan Radio NJU7327 Datasheet HTML 3Page - New Japan Radio NJU7327 Datasheet HTML 4Page - New Japan Radio NJU7327 Datasheet HTML 5Page - New Japan Radio NJU7327 Datasheet HTML 6Page - New Japan Radio NJU7327 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJU7327
-1 -
Single-phase DC Brushless Motor Driver IC
IGENERALDESCRIPTION
The NJU7327 is a single-phase DC brushless motor
driver IC for small fan-motor and high power applications. It
features MOS-FET driver circuit for better saturation
characteristics. Slew late of amplifiers and feedback
resistors are optimized to achieve low-noise motor
operation. The NJU7327 also includes frequency generator
(FG) output for various control needs.
IPACKAGE OUTLINE
NJU7327R
IFEATURES
• Operating Voltage
VDD=3.5
∼ 15V
• FG Output
• Internal Lock Detect
• Low Operating Current
• Low Saturation Output Voltage
Vsat=
±0.35V @Io=±200mA
• C-MOS Technology
• Package Outline
VSP10
IBLOCKDIAGLAM
IPIN FUNCTION
1: LD
2: FG
3: VSS
4: OUT B
5: VDD
6: VDD
7: OUT A
8: VSS
9: IN-
10: IN+
INT
1
2
3
4
9
10
6
7
8
5
AMP A
AMP B
FG
LOCK
DETECT
+ -


Similar Part No. - NJU7327

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU7325 ETC-NJU7325 Datasheet
58Kb / 3P
   Single-Phase DC Brushless Motor Driver IC
logo
New Japan Radio
NJU7325 NJRC-NJU7325 Datasheet
52Kb / 4P
   Single-phase DC Brushless Motor Driver IC
NJU7325R-TE1 NJRC-NJU7325R-TE1 Datasheet
52Kb / 4P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
More results

Similar Description - NJU7327

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7365 NJRC-NJU7365 Datasheet
68Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7325R-TE1 NJRC-NJU7325R-TE1 Datasheet
52Kb / 4P
   Single-phase DC Brushless Motor Driver IC
logo
List of Unclassifed Man...
NJU7325 ETC-NJU7325 Datasheet
58Kb / 3P
   Single-Phase DC Brushless Motor Driver IC
logo
New Japan Radio
NJU7329A NJRC-NJU7329A Datasheet
132Kb / 9P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com