Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5508BPAGG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5508BPAGG4
Description  8-Channel Digital Audio PWM Processor
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508BPAGG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5508BPAGG4 Datasheet HTML 7Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 8Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 9Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 10Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 11Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 12Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 13Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 14Page - Texas Instruments TAS5508BPAGG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
www.ti.com
1
Introduction
1.1
Features
TAS5508B
8-Channel Digital Audio PWM Processor
SLES162B – DECEMBER 2005 – REVISED APRIL 2006
• Audio Processing
• General Features
48-Bit Processing Architecture With 76 Bits
Automated Operation With an Easy-to-Use
of Precision for Most Audio-Processing
Control Interface
Features
I2C Serial-Control Slave Interface
Volume Control Range 36 dB to –109 dB
Integrated AM Interference-Avoidance
• Master Volume Control Range of 18 dB
Circuitry
to –109 dB
Single, 3.3-V Power Supply
• Eight Individual Channel Volume Control
64-Pin TQFP Package
Ranges of 18 dB to –109 dB
5-V Tolerant Inputs
Programmable Soft Volume and Mute
• Audio Input/Output
Update Rates
Automatic Master-Clock-Rate and
Four Bass and Treble Tone Controls With
Data-Sample-Rate Detection
±18-dB Range, Selectable Corner
Eight Serial Audio Input Channels
Frequencies, and Second-Order Slopes
Eight PWM Audio Output Channels
• L, R, and C
Configurable as Six Channels With Stereo
• LS, RS
Lineout or Eight Channels
• LR, RR
Line Output Is a PWM Output to Drive an
• Sub
External Differential-Input Operational
Configurable Loudness Compensation
Amplifier
Two Dynamic Range Compressors With
Headphone PWM Output to Drive an
Two Thresholds, Two Offsets, and Three
External Differential Amplifier Like the
Slopes
TPA112
Seven Biquads Per Channel
PWM Outputs Support Single-Ended and
Full 8
×8 Input Crossbar Mixer. Each
Bridge-Tied Loads
Signal-Processing Channel Input Can Be
32-, 38-, 44.1-, 48-, 88.2-, 96-, 176.4-, and
Any Ratio of the Eight Input Channels.
192-kHz Sampling Rates
8
×2 Output Mixer, Channels 1–6. Each
Data Formats: 16-, 20-, or 24-Bit
Output Is a Mix of Any Two
Left-Justified, I2S, or Right-Justified Input
Signal-Processed Channels. It Is
Data
Recommended to Use the Pass-Through
64-fS Bit-Clock Rate
output Mixer Configuration.
128-, 192-, 256-, 384-, 512-, and 768-fS
8
×3 Output Mixer, Channels 7 and 8. Each
Master Clock Rates (Up to a Maximum of
Output Is a Mix of Any Three
50 MHz)
Signal-Processed Channels. It Is
Recommended to Use the Pass-Through
Output Mixer Configuration.
Three Coefficient Sets Stored on the Device
Can Be Selected Manually or Automatically
(Based on Specific Data Rates).
DC Blocking Filters
Able to Support a Variety of Bass
Management Algorithms
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
Matlab is a trademark of Math Works, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5508BPAGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508BPAGG4 TI1-TAS5508BPAGG4 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
More results

Similar Description - TAS5508BPAGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518_06 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508A TI-TAS5508A Datasheet
1Mb / 99P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5028 TI-TAS5028 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI1-TAS5508B_17 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508C TI-TAS5508C Datasheet
1Mb / 107P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com