Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8569BEUT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8569BEUT
Description  200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8569BEUT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8569BEUT Datasheet HTML 1Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 2Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 3Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 4Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 5Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 6Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 7Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 8Page - Maxim Integrated Products MAX8569BEUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX8569A/MAX8569B low-quiescent-current
boost regulators provide up to 200mA at output volt-
ages up to 5.5V from a 1.5V to 5.5V input source. The
built-in synchronous rectifier allows for over 90% effi-
ciency while achieving small size and low cost by elimi-
nating the need for an external Schottky diode.
The MAX8569A provides an adjustable output while the
MAX8569B is fixed at 3.0V or 3.3V. The MAX8569B fea-
tures a power-on reset output (RST) to signal that the
output has reached regulation. All devices connect the
battery input to the output during shutdown, allowing
the input battery to be used as a backup or real-time
clock supply when the converter is off.
Applications
Features
o Over 200mA Available Output Current
o 1.5V to 5.5V Input Voltage Range
o BATT Connected to OUT in Shutdown for Backup
Power
o Up to 95% Efficiency
o 7µA Typical Quiescent Current
o <1µA Shutdown Supply Current
o Internal Synchronous Rectifier
o 750mA Switch Current Limit
o RST Output (MAX8569B)
o Adjustable Output Voltage (MAX8569A)
o Fixed 3.0V or 3.3V Output Voltage (MAX8569B)
200mA Step-Up Converters in 6-Pin
SOT23 and TDFN
________________________________________________________________ Maxim Integrated Products
1
MAX8569A
(MAX8569B)
TOP VIEW
6
5
4
12
3
TDFN
( ) ARE FOR THE MAX8569B
16
5
MAX8569A
(MAX8569B)
TOP VIEW
SOT23
2
34
FB (RST)
OUT
LX
SHDN
BATT
GND
+
+ DENOTES LEAD-FREE PACKAGING
Pin Configurations
Ordering Information
19-3671; Rev 0; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX8569AEUT-T*
-40°C to +85°C
6 SOT23-6
(U6FH-6)
MAX8569AETT+
-40°C to +85°C
6 TDFN 3mm x 3mm
(T633-1)
MAX8569BEUT-T*
-40°C to +85°C
6 SOT23-6
(U6FH-6)
MAX8569BETT+
-40°C to +85°C
6 TDFN 3mm x 3mm
(T633-1)
MAX8569BETT30+
-40°C to +85°C
6 TDFN 3mm x 3mm
(T633-1)
Selector Guide appears at end of data sheet.
MAX8569B
RST
OUT
2V
INPUT
3.3V, 200mA
OUTPUT
POWER-ON
RESET
LX
OFF
ON
SHDN
BATT
GND
Typical Operating Circuit
Medical Diagnostic
Equipment
Digital Cameras
PDAs and Smartphones
Cordless Phones
Battery Backup
PC Cards
Local 3.3V or 5V Supply
*Future product—contact factory for availability.
+Denotes lead-free packaging.


Similar Part No. - MAX8569BEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8569BEUT-T** MAXIM-MAX8569BEUT-T* Datasheet
304Kb / 11P
   200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
More results

Similar Description - MAX8569BEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8569 MAXIM-MAX8569 Datasheet
304Kb / 11P
   200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
MAX1722 MAXIM-MAX1722 Datasheet
292Kb / 12P
   1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
19-1735; Rev 0; 7/01
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
STMicroelectronics
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
   Step-up and inverter converters
October 2012 Rev 1
logo
Maxim Integrated Produc...
MAX8560 MAXIM-MAX8560 Datasheet
819Kb / 12P
   4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com