Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62253AGP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M62253AGP
Description  Charge Control IC for Li-Ion Batteries
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62253AGP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M62253AGP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62253AGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M62253AGP
MITSUBISHI <STD-Linear ICs>
(
/ 10)
Charge Control IC for Li-Ion Batteries
00-08-24
Yes
No
Yes
No
1.49V<VTIN<3.21V
Yes
No
Yes
No
Charge inhibit
charge off
LED1: turned OFF
LED2: turned OFF
Insert Battery
Delay CKT. for temp.
detect is start to action
After 49ms
1.49V<VTIN<3.23V
LED1: turned ON and
Const. current charge:256mA or
Const. voltage charge:4.2V
(during 1.15sec)
Const. voltage output:2.61V
(during 106msec)
Charge inhibit
charge off
LED1: turned OFF
LED2: turned OFF
Check
battery voltage
less than 2.66V
more than 4.2V
2.66V<Vbatt<4.2V
Check
battery voltage
3.07V<Vbatt<4.2V
2.66V<Vbatt<3.07V
Const. current charge:26mA
Const. voltage charge:4.2V
Check
battery voltage
less than
3.07V
more than 3.07V
Check
charge current
more than
26mA
less than 26mA
Delay CKT. for current
detect is start to action
Charge current
less than 26mA
(pass to 1.15sec)
Stop the charge
(to change output voltage to 2.61V)
Const. current charge:256mA
Check
battery voltage
more than 4.2V
3.07V<Vbatt
<4.2V
Yes
No
Const. voltage charge:4.2V
Check
charge current
more than
26mA
less than 26mA
Delay CKT. for current
detect is start to action
Charge current
less than 26mA
(pass to 1.15sec)
Stop the charge
(to change output voltage to 2.61V)
Complete charge(charge OFF)
passed 1.06sec
LED1: turned OFF, LED2: turned ON
Check
battery voltage
more than 3.99V
less than 3.99V
Delay CKT. for current
detect is start to action
Battery voltage
less than 3.99V
(pass to 1.06sec)
Yes
No
Yes
No
No
Flowchart of temp. detect.(with hysteresis) during charge
When high temp.
When low temp.
Const. current or Const. voltage
charge.(1.49V<VTIN<3.23V)
VTIN<1.49V
Delay CKT. for temp.
detect is start to action
After 49ms
VTIN<1.59V
Charge inhibit
1.59V<VTIN
Yes
Delay CKT. for temp.
detect is start to action
After 49ms
1.49V<VTIN
No
Yes
Yes
No
Yes
No
No
Const. current or Const. voltage
charge.(1.49V<VTIN<3.23V)
3.23V<VTIN
Delay CKT. for temp.
detect is start to action
After 49ms
3.21V<VTIN
Charge inhibit
VTIN<3.21V
Yes
Delay CKT. for temp.
detect is start to action
After 49ms
VTIN<3.23V
No
Yes
For 4.2V type battery
Notice: The voltage, current and
time value are depend on
application circuit.(Page 10)
8


Similar Part No. - M62253AGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
   Charge Control IC for Li-Ion Batteries
More results

Similar Description - M62253AGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
   Charge Control IC for Li-Ion Batteries
M62253BGP RENESAS-M62253BGP Datasheet
257Kb / 13P
   Charge Control IC for Li-Ion Batteries
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
   Li-ion Battery Charge Control IC
logo
Renesas Technology Corp
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
   LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
   Trickle-charge IC for two-cell, lithium-ion batteries
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
logo
Mitsumi Electronics, Co...
MM1433 MITSUMI-MM1433 Datasheet
343Kb / 14P
   IC for Control of Lithium-ion Batteries Charging
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
   CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
   1 Li-ion/Li-polymer battery charge balance IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com