Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETUQ2W561KJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETUQ2W561KJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2W561KJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETUQ2W561KJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ2W561KJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 EE165 
Aluminum Electrolytic Capacitors/ UQ
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
12000
22
25
4.5
0.50
EETUQ1C123HJ
200
15000
22
30
5.3
0.50
EETUQ1C153HJ
200
18000
22
35
5.6
0.50
EETUQ1C183HJ
200
25
25
5.6
0.50
EETUQ1C183JJ
200
22000
22
40
6.1
0.50
EETUQ1C223HJ
200
25
30
6.1
0.50
EETUQ1C223JJ
200
27000
22
45
6.3
0.50
EETUQ1C273HJ
200
25
35
6.3
0.50
EETUQ1C273JJ
200
30
25
6.3
0.50
EETUQ1C273KJ
200
16
33000
22
50
6.8
0.50
EETUQ1C333HJ
200
25
40
6.8
0.50
EETUQ1C333JJ
200
30
30
6.8
0.50
EETUQ1C333KJ
200
35
25
6.8
0.50
EETUQ1C333LJ
200
39000
25
45
6.9
0.56
EETUQ1C393JJ
200
30
35
6.9
0.56
EETUQ1C393KJ
100
47000
25
50
7.5
0.64
EETUQ1C473JJ
200
30
40
7.5
0.64
EETUQ1C473KJ
100
35
30
7.5
0.64
EETUQ1C473LJ
200
56000
30
45
8.7
0.73
EETUQ1C563KJ
100
35
35
8.7
0.73
EETUQ1C563LJ
100
68000
30
50
9.1
0.85
EETUQ1C683KJ
100
35
40
9.1
0.85
EETUQ1C683LJ
100
82000
35
45
9.5
0.99
EETUQ1C823LJ
100
100000
35
50
10.2
1.17
EETUQ1C104LJ
100
8200
22
25
3.6
0.40
EETUQ1E822HJ
200
10000
22
30
3.8
0.40
EETUQ1E103HJ
200
12000
22
30
4.1
0.40
EETUQ1E123HJ
200
25
25
4.1
0.40
EETUQ1E123JJ
200
15000
22
35
4.6
0.40
EETUQ1E153HJ
200
25
30
4.6
0.40
EETUQ1E153JJ
200
18000
22
40
5.5
0.40
EETUQ1E183HJ
200
25
25
35
5.5
0.40
EETUQ1E183JJ
200
30
25
5.5
0.40
EETUQ1E183KJ
200
22000
22
45
6.1
0.40
EETUQ1E223HJ
200
25
40
6.1
0.40
EETUQ1E223JJ
200
30
30
6.1
0.40
EETUQ1E223KJ
200
35
25
6.1
0.40
EETUQ1E223LJ
200
27000
25
45
6.2
0.40
EETUQ1E273JJ
200
30
35
6.2
0.40
EETUQ1E273KJ
100
33000
25
50
6.8
0.40
EETUQ1E333JJ
200
30
40
6.8
0.40
EETUQ1E333KJ
100
35
30
6.8
0.40
EETUQ1E333LJ
200
n
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
(A)
Endurance : 85
°C 2000 h, Terminal Pitch : 10mm
When capacitors of
f35×45L and f35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Similar Part No. - EETUQ2W561KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2W561D PANASONIC-EETUQ2W561D Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2W561E PANASONIC-EETUQ2W561E Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETUQ2W561KJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com