Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETUQ2W271KJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETUQ2W271KJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2W271KJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETUQ2W271KJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ2W271KJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Aluminum Electrolytic Capacitors/ UQ
 EE166 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
39000
30
45
7.4
0.46
EETUQ1E393KJ
100
35
35
7.4
0.46
EETUQ1E393LJ
100
25
47000
30
50
8.0
0.54
EETUQ1E473KJ
100
35
40
8.0
0.54
EETUQ1E473LJ
100
56000
35
45
8.7
0.63
EETUQ1E563LJ
100
68000
35
50
9.6
0.75
EETUQ1E683LJ
100
5600
22
25
3.4
0.35
EETUQ1V562HJ
200
6800
22
30
3.7
0.35
EETUQ1V682HJ
200
8200
22
30
4.0
0.35
EETUQ1V822HJ
200
25
25
4.0
0.35
EETUQ1V822JJ
200
10000
22
35
4.4
0.35
EETUQ1V103HJ
200
25
30
4.4
0.35
EETUQ1V103JJ
200
12000
22
40
5.1
0.35
EETUQ1V123HJ
200
25
35
5.1
0.35
EETUQ1V123JJ
200
30
25
5.1
0.35
EETUQ1V123KJ
200
35
15000
22
45
5.6
0.35
EETUQ1V153HJ
200
25
40
5.6
0.35
EETUQ1V153JJ
200
18000
25
45
5.7
0.35
EETUQ1V183JJ
200
30
30
5.7
0.35
EETUQ1V183KJ
200
35
25
5.7
0.35
EETUQ1V183LJ
200
22000
25
50
6.1
0.35
EETUQ1V223JJ
200
30
35
6.1
0.35
EETUQ1V223KJ
100
35
30
6.1
0.35
EETUQ1V223LJ
200
27000
30
45
6.8
0.35
EETUQ1V273KJ
100
35
35
6.8
0.35
EETUQ1V273LJ
100
33000
30
50
7.2
0.35
EETUQ1V333KJ
100
35
40
7.2
0.35
EETUQ1V333LJ
100
39000
35
45
7.7
0.41
EETUQ1V393LJ
100
47000
35
50
8.5
0.49
EETUQ1V473LJ
100
3300
22
25
2.7
0.30
EETUQ1H332HJ
200
3900
22
30
2.8
0.30
EETUQ1H392HJ
200
4700
22
30
3.0
0.30
EETUQ1H472HJ
200
25
25
3.0
0.30
EETUQ1H472JJ
200
5600
22
35
3.4
0.30
EETUQ1H562HJ
200
50
6800
22
40
3.9
0.30
EETUQ1H682HJ
200
25
30
3.9
0.30
EETUQ1H682JJ
200
30
25
3.9
0.30
EETUQ1H682KJ
200
8200
22
45
4.4
0.30
EETUQ1H822HJ
200
25
35
4.4
0.30
EETUQ1H822JJ
200
10000
22
50
5.0
0.30
EETUQ1H103HJ
200
25
40
5.0
0.30
EETUQ1H103JJ
200
30
30
5.0
0.30
EETUQ1H103KJ
200
n
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
(A)
Endurance : 85
°C 2000 h, Terminal Pitch : 10mm
When capacitors of
f35×45L and f35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Similar Part No. - EETUQ2W271KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2W271B PANASONIC-EETUQ2W271B Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2W271C PANASONIC-EETUQ2W271C Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2W271D PANASONIC-EETUQ2W271D Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETUQ2W271KJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com