Part Name
         Description
EPE6271S

 Miniature 10 Base-T Multiport Module with Enhanced Common Mode Attenuation ( 1 Page)


PCA
100% 
Zoom Out Zoom In
   
 1 page
background image
E L E C T R O N I C S I N C .
Miniature 10 Base-T Multiport Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for AMD 79C984 Integrated Multiport Repeater
• Robust Construction allows for toughest Reflow Processing
• Complies with or exceeds IEEE 802.3, 10Base- T Standards
Schematic
EPE6271S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6271S
Rev. Orig
6/2/03
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-25
Xmit/Rcv
@ 25 MHz
-3/-1
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-35/-25
@ 30 MHz
-5/-1
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
22.5
Xmit
@ 50 MHz
Xmit/Rcv
-40/-35
Crosstalk
(dB Min.)
-30/-30
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 40 MHz
-10/-1
Xmit/Rcv
@ 200 MHz
Xmit/Rcv
-35/-20
1
2
20
19
3
4
5
18
17
6
7
14
13
8
9
10
12
11
.01µF
.01µF
100
1 : 1
LPF
1 : 1
.01µF
.01µF
100
1 : 1
LPF
1 : 1
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
.640
(16.26)
.050
(1.27)
0°-8°
.090
(2.29)
Pad
Layout
.680
(17.27)
.030
(.762)
.600
(15.24)
.500
(12.70)
PCA
EPE6271S
Date Code
Pin 1
I.D.
.015/.021
(.381/.533)
.050
(1.27)
.003/.020
(.076/.508)
.320
(8.13)
.450
(11.43)
.050
(1.27)
.050
(1.27)
.008/.012
(.203/.305)



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EPA216210 Base-T Interface Module for Multiport Repeater Applications 1 2 PCA ELECTRONICS INC.
EPB5037GHome Phone Networking Analog Magnetics Module with 10/100 Base-T 1 PCA ELECTRONICS INC.
CS51021AEnhanced Current Mode PWM Controller 1 2 3 4 5 MoreON Semiconductor
IS41C16128128K x 16 2-MBIT DYNAMIC RAM WITH EDO PAGE MODE 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
6R1MBI75P-160Diode Module with Brake Diode:1600V / 75A IGBT:1400A/50A 1 2 3 4 List of Unclassifed Manufacturers
CS51220Feed Forward Voltage Mode PWM Controller with Programmable Synchronization 1 2 3 4 5 MoreON Semiconductor
NCP1271Soft−Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch 1 2 3 4 5 MoreON Semiconductor
PTH08T241W10-A 4.5-V to 14-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUSTABLE POWER MODULE WITH TURBOTRANS 1 2 3 4 5 MoreTexas Instruments
MC74F2998-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS 1 2 3 4 5 Motorola, Inc
HM67Surface Mount Common Mode Chokes 1 2 3 4 5 List of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl