Part Name
         Description
FOX018S

 STANDARD CRYSTALS ( 1 Page)


ETC1
100% 
Zoom Out Zoom In
   
 1 page
background image
5
© 2003 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +001(239)693-0099 FAX +001(239)693-1554 http://www.foxonline.com
STANDARD
• Inventory Support
• Standard Packages
• Lowest Pricing
• Fox Quality
• Technical Support
CRYSTALS
ESR
---
---
---
---
200
200
200
150
150
150
150
150
150
150
---
---
---
---
---
80
80
80
80
---
80
---
60
60
60
60
---
60
60
60
60
60
40
40
---
40
40
---
40
---
40
30
30
30
30
30
30
---
---
---
---
---
---
---
FPX
---
---
---
---
FPX036S
FPX0368S
FPX0368-20
FPX040A
FPX040
---
---
---
FPX049
FPX049-20
---
---
---
---
---
FPX073
FPX073-20
FPX080
FPX080-20
---
FPX081-20
---
---
FPX098-20
FPX100
FPX100-20
---
FPX111-20
FPX115-20
FPX120
FPX120-20
FPX128-20
FPX143-20
FPX147-20
---
FPX160
FPX160-20
---
FPX184-20
---
FPX196-20
FPX200
FPX200-20
FPX221-20
FPX240F-20
FPX245F-20
FPX250F-20
---
FPX320-20 *
FPX480-20 *
FPX500-20 *
---
FPX600-20 *
FPX640-20 *
CL
13pF
20pF
20pF
32pF
18pF
SERIES
20pF
SERIES
20pF
20pF
12pF
20pF
SERIES
20pF
20pF
SERIES
20pF
30pF
20pF
SERIES
20pF
SERIES
20pF
SERIES
20pF
SERIES
SERIES
20pF
SERIES
20pF
SERIES
20pF
20pF
SERIES
20pF
20pF
20pF
20pF
20pF
SERIES
20pF
SERIES
20pF
SERIES
20pF
SERIES
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
18pF
20pF
20pF
FREQ
(MHz)
1.843200
2.000000
2.097152
2.457600
3.579545
3.686400
3.686400
4.000000
4.000000
4.096000
4.194304
4.433619
4.915200
4.915200
5.000000
6.000000
6.000000
6.144000
6.144000
7.372800
7.372800
8.000000
8.000000
8.192000
8.192000
9.216000
9.830400
9.830400
10.000000
10.000000
11.000000
11.000000
11.059200
12.000000
12.000000
12.288000
14.318180
14.745600
15.000000
16.000000
16.000000
18.432000
18.432000
19.660800
19.660800
20.000000
20.000000
22.118400
24.000000
24.576000
25.000000
27.000000
32.000000
48.000000
50.000000
56.448000
60.000000
64.000000
HC49U
FOX018S
FOX020S
FOX021S
FOX024S
FOX036S
FOX0368S
FOX0368-20
FOX040A
FOX040
FOX0496-20
FOX041
FOX0443
FOX049
FOX049-20
FOX05A
FOX060
FOX060-20
FOX061
FOX061-20
FOX073
FOX073-20
FOX080
FOX080-20
FOX081
FOX081-20
FOX092
FOX098
FOX098-20
FOX100
FOX100-20
FOX111
FOX111-20
FOX115-20
FOX120
FOX120-20
FOX128-20
FOX143-20
FOX147-20
---
FOX160
FOX160-20
FOX184
FOX184-20
FOX196
FOX196-20
FOX200
FOX200-20
FOX221-20
FOX240F-20
FOX245F-20
FOX250F-20
---
FOX320-20 *
FOX480-20 *
FOX500-20 *
---
FOX600-20 *
FOX640-20 *
HC49S
---
---
---
---
FOXS/036S
FOXS/0368S
FOXS/0368-20
FOXS/040A
FOXS/040
FOXS/0496-20
FOXS/041
FOXS/0443
FOXS/049
FOXS/049-20
---
---
---
---
---
FOXS/073
FOXS/073-20
FOXS/080
FOXS/080-20
---
FOXS/081-20
---
FOXS/098
FOXS/098-20
FOXS/100
FOXS/100-20
---
FOXS/111-20
FOXS/115-20
FOXS/120
FOXS/120-20
FOXS/128-20
FOXS/143-20
FOXS/147-20
---
FOXS/160
FOXS/160-20
---
FOXS/184-20
---
FOXS/196-20
FOXS/200
FOXS/200-20
FOXS/221-20
FOXS/240F-20
FOXS/245F-20
FOXS/250F-20
---
---
---
---
---
---
---
---
---
---
---
200
200
200
150
150
---
---
---
150
150
---
---
---
---
80
80
80
80
---
80
---
---
60
60
60
---
60
60
60
60
60
40
40
---
40
40
---
40
---
40
30
30
30
30
30
30
---
100
100
100
---
100
100
HC49SD
---
---
---
---
FOXSD/036S
---
FOXSD/0368-20
---
FOXSD/040
---
FOXSD/041
FOXSD/0443
---
FOXSD/049-20
FOXSD/05A
---
FOXSD/060-20
---
---
---
FOXSD/073-20
---
FOXSD/080-20
---
FOXSD/081-20
---
---
FOXSD/098-20
---
FOXSD/100-20
---
FOXSD/111-20
FOXSD/115-20
---
FOXSD/120-20
FOXSD/128-20
FOXSD/143-20
FOXSD/147-20
---
---
FOXSD/160-20
---
FOXSD/184-20
---
FOXSD/196-20
---
FOXSD/200-20
FOXSD/221-20
FOXSD/240F-20
FOXSD/245F-20
FOXSD/250F-20
FOXSD/270F-20
FOXSD/320-20 *
FOXSD/480-20 *
FOXSD/500-20 *
FOXSD/564-18 *
FOXSD/600-20 *
FOXSD/640-20 *
---
---
---
---
200
---
200
----
150
---
150
150
---
150
120
---
120
---
---
---
80
---
80
---
80
---
---
60
---
60
---
60
60
---
60
60
40
40
---
---
40
---
40
---
40
---
30
30
30
30
30
30
100
100
100
100
100
100
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
FE098-20
60
---
---
FE100-20
60
---
---
---
---
FE115-20
60
---
---
---
---
---
---
FE143-20
60
FE147-20
60
FE150-20
60
---
---
FE160-20
60
---
---
---
---
---
---
---
---
---
---
FE200-20
40
FE221-20
40
FE240F-20
40
FE245F-20
40
FE250F-20
40
ESR
MAX
---
---
---
---
---
---
---
---
---
---
---
---
---
---
ESR
MAX
ESR
MAX
ESR
MAX
ESR
MAX
FE
FPX
Please Refer To Specification Sheets For Details
* 3rd Overtone. "F" suffix denotes fundamental Rev. 02/10/03
800
500
500
300
120
120
120
100
100
100
100
70
55
55
50
40
40
40
40
40
40
35
35
35
35
35
35
35
30
30
30
30
30
30
30
30
25
25
---
25
25
20
20
20
20
20
20
20
20
20
20
---
40
40
40
---
40
40
*Optional third lead, vinyl sleeves (HC49U only), and mylar spacer.
All specifications subject to change without notice..
** Measurements are displayed in Millimeters.
HC49U*
±30PPM
±50PPM
-20°C ~ +70°C
HC49S/49SD
±30PPM
±50PPM
-20°C ~ +70°C
FPX
±50PPM
±100PPM
-10°C ~ +70°C
PARAMETER
Frequency Tolerance @ 25°C
Frequency Stability
Operating Temperature Range
FE
±50PPM
±50PPM
-10°C ~ +60°C
• FOX STANDARD SPECIFICATIONS



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SQPAXIAL LEAD TYPE Standard TypeSQP Series Non-Inductive TypeNSP Series 1 2 List of Unclassifed Manufacturers
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
BTA06BSTANDARD TRIACS 1 2 3 4 5 STMicroelectronics
BUK7105-40ATETrenchPLUS standard level FET 1 2 3 4 5 MoreNXP Semiconductors
BUK7107-40ATCTrenchPLUS standard level FET 1 2 3 4 5 MoreNXP Semiconductors
PMF3800SNN-channel TrenchMOS standard level FET 1 2 3 4 5 MoreNXP Semiconductors
PMR780SNN-channel UTrenchMOS standard level FET 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl