Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET9560-C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ET9560-C
Description  3 CHANNEL DIFFERENTIAL AMPLIFIER-COMPARATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ET9560-C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ET9560-C Datasheet HTML 1Page - List of Unclassifed Manufacturers ET9560-C Datasheet HTML 2Page - List of Unclassifed Manufacturers ET9560-C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ETIC RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME TO IMPROVE THE DESIGN AND TO SUPPLY THE BEST PRODUCT.
©2000, Rev B0
iC-Haus GmbH
Tel +49-6135-9292-0
Integrated Circuits
Fax +49-6135-9292-192
Am Kuemmerling 18, D-55294 Bodenheim
http://www.ichaus.com
Page 2 of 3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, typical values given at VCC=12V, TA = 25°C, with LED and RSET open.
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Supply Current
Icc1
Icc2
4.5
5.0
7.2
8.0
11.5
12.5
mA
Vcc = 4.5 V
Vcc = 30.0V
Input Common Mode Voltage
VCM
1.35
V
Average Photocurrent Input
IIA
0.066
0.3
40
µA
Each input
Peak Photocurrent Input
IIP
0.13
0.5
60
µA
Each input
Dark Cell Level
IID
0.02
0.1
20
µA
Each input
Photocurrent Contrast Ratio
IIR
2:1
5:1
Peak:Dark Cell
Comparator Threshold
1.25:
1
Ratio of Differential
Inputs
Output High Level Voltage
VOH
2.5
28.0
3.0
28.5
VIOH = -4mA,VCC = 4.5V
IOH = -4mA,VCC = 30V
Output Low Level Voltage
VOL
199
400
mV
VCC = 4.5V-30V
IOL = 8mA
Output Short-Circuit Current
Driving High (All Outputs)
IOS
15
25
50
mA
VCC = 5V, VOUT = 0V
Output Short-Circuit Current
Driving Low (All Outputs)
IOS
30
70
120
mA
VCC = 5V, VOUT = 5V
RSET Voltage
VRSET
1.3
1.7
2.1
V
R = 180 ohms
AC SWITCHING CHARACTERISTICS
Values given at VCC = 5V, TA = 25°C, CL = 15pF on all outputs.
Parameters
Symbol
Min.
Typ.
Max
.
Units
Test Conditions
Pre-Amplifier Bandwidth
BWPA
900
KHz
Photocurrent = 1µA
Minimum
Propagation delay from Comparator
Input to Output
TPD
850
ns
Output Rise Time
TR
100
ns
Output Fall Time
TF
20
ns


Similar Part No. - ET9560-C

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ET90-24100C-FW GAMEWELL-FCI-ET90-24100C-FW Datasheet
240Kb / 4P
   Wheelock
ET90-2430C-FW GAMEWELL-FCI-ET90-2430C-FW Datasheet
240Kb / 4P
   Wheelock
ET90-2475C-FW GAMEWELL-FCI-ET90-2475C-FW Datasheet
240Kb / 4P
   Wheelock
ET90-24MCC-FW GAMEWELL-FCI-ET90-24MCC-FW Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
ET90-24MCCH-FW GAMEWELL-FCI-ET90-24MCCH-FW Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
More results

Similar Description - ET9560-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712CP TI-TL712CP Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712D TI-TL712D Datasheet
927Kb / 16P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM391CN5 CYSTEKEC-LM391CN5 Datasheet
384Kb / 8P
   Differential Comparator
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
   Differential Comparator
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com