Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETUQ1E393KJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETUQ1E393KJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1E393KJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETUQ1E393KJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1E393KJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Aluminum Electrolytic Capacitors/ UQ
 EE164 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
UQ
TS
Series:
Type :
-40 to + 85
°C
-25 to + 85
°C
16 to 100V.DC
160 to 250 V .DC
315 to 450 V .DC
1000 to 100000µF
270 to 3900 µ F
82 to 1000 µ F
±20 % (120Hz/+20
°C)
Japan
Malaysia
U.S.A (ii)
Snap-in Type
n
Features Endurance: 85°C 2000 h
30% smaller than series UP
RoHS directive compliant
n
Specifications
(µA) max. after 5 minutes application of rated working voltage at +20
°C.
C:Capacitance(µF) V: W.V. (V.DC)
3
√CV
Category temp. range
Rated W.V. Range
Nominal Cap. Range
DC Leakage Current
Capacitance Tolerance
tan
δ
Shelf Life
Please see the attached standard products list
After storage for 1000 hours at +85±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance(With voltage treatment)
n
Dimensions in mm (not to scale)
Frequency Correction
Factor for Ripple Current
n
Recommended Applications
Recommended PWB piercing plan
Standard terminal type does not require
terminal trimming process.
(ii) Regarding USA product,
Please check PEDCA s
Catalog.
Smoothing circuits, AC adaptor
Country of Origin
+0.2
0.8
-0.1
1.5 ± 0.2
2.0max
Terminal
(t= 0.8)
Bottom of can
10.0±0.1
L+2.0 max
(10.0) 2-
φ2.0±0.1
PET Sleeve
Vent
Polarity bar
Endurance
After 2000 hours application of DC voltage with specified ripple current (< rated DC working
voltage) at +85
°C, the capacitor shall meet the following limits.
tan
δ
DC leakage current
±20 % of initial measured value
<
200 % of initial specified value
<
initial specified value
Capacitance change
Frequency (Hz)
16 to 100V
160 to 450V
50
60
100
120
500
1k
10k to
0.93
0.95
0.99
1.00
1.05
1.08
1.15
0.75
0.80
0.95
1.00
1.20
1.25
1.40
Correction
Factor
,
4.0± 0.5


Similar Part No. - EETUQ1E393KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1E393KJ PANASONIC-EETUQ1E393KJ Datasheet
472Kb / 11P
   Snap-in Type
More results

Similar Description - EETUQ1E393KJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com